Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1186FC Datasheet(PDF) 12 Page - Linear Technology

Part # LT1186FC
Description  DAC Programmable CCFL Switching Regulator(Bits-to-NitsTM)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1186FC Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1186FC Datasheet HTML 8Page - Linear Technology LT1186FC Datasheet HTML 9Page - Linear Technology LT1186FC Datasheet HTML 10Page - Linear Technology LT1186FC Datasheet HTML 11Page - Linear Technology LT1186FC Datasheet HTML 12Page - Linear Technology LT1186FC Datasheet HTML 13Page - Linear Technology LT1186FC Datasheet HTML 14Page - Linear Technology LT1186FC Datasheet HTML 15Page - Linear Technology LT1186FC Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1186F
APPLICATIONS INFORMATION
circuitry provides a ratio of switch current to driver current
of about 50:1.
8-Bit Current Output DAC
The 8-bit current output DAC is guaranteed monotonic and
is digitally adjustable by the 8-bit counter in 256 equal
steps. On power up, the counter resets to 80H and the DAC
assumes its mid-range value. The current output IOUT
drives the ICCFL pin and sets control current for the lamp
current programming block. The DAC has its own 1.24V
bandgap reference and a voltage to current converter that
is trimmed at wafer sort to provide the precision full-scale
current reference. Over temperature, the current output of
the DAC is 50
µA ±6%.
Digital Interface
On power-up, a logic high at CS configures the DAC into
pulse mode. If CS is ever pulled low, the chip configures
into SPI mode until VCC resets. On power-up in pulse
mode, a logic high at DIN puts the counter into increment-
only mode. If UP/DN (DIN) is ever pulled low, the counter
configures into increment/decrement mode until VCC re-
sets. These modes are illustrated in Figure 1.
SINGLE DAC
SPI MODE
PULSE MODE
LT1186F • F01a
INCREMENT/
DECREMENT
INCREMENT-
ONLY
CS STAYS
HIGH
CS EVER
GOES LOW
DIN (UP/DN)
EVER GOES
LOW
DIN STAYS
HIGH
Figure 1a. Tree Diagram (LT1186F DAC Operating Modes)
Figure 1b. SPI Mode Setup
POWER ON
VCC
LT1186F • F01b
CS
CS EVER GOES LOW
POWER ON
VCC
LT1186F • F01c
CS ALWAYS HIGH
DIN ALWAYS HIGH
Figure 1c. Pulse Mode Setup (Increment Only)
POWER ON
VCC
CS ALWAYS HIGH
LT1186F • F01d
UP/DN
UP/DN EVER GOES LOW
Figure 1d. Pulse Mode Setup (Increment/Decrement)
Standard SPI Mode
Refer to the serial interface operating sequence in Figure
2. A falling edge at CS initiates the data transfer. After the
falling CS is recognized, DOUT comes out of three-state.
The clock (CLK) synchronizes the data transfer. Each input
bit shifts into DIN beginning with the MSB on the rising CLK
edge and each previous data bit shifts out of DOUT begin-
ning with the MSB on the falling CLK edge. After the 8-bit
serial input data is shifted in, a rising edge at CS transfers
the data into the counter, the DAC assumes the new value
IOUT = (8-bit serial input data)(50µA)/255 and the DOUT pin
returns to a high impedance state.
1-Wire Interface (Pulse Mode)
In increment-only pulse mode, each rising edge of CLK
increments the upper six bits of the counter by one count.
When incremented beyond 11111100B, the counter rolls
over and sets the DAC to the minimum value 00000000B.
Therefore, a single pulse applied to CLK increases the
upper 6-bit counter by one-step, and 63 pulse applied to
CLK decreases the counter by one-step. The last two LSBs
are always zero in this mode. IOUT = (B7B6B5B4B3B2B1B0)
(50
µA)/255. The upper 6-bit counter = B7B6B5B4B3B2and
B1 = B0 = 0. To configure the LT1186F into increment-only
mode, tie CS and DIN to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com