Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1186FC Datasheet(PDF) 7 Page - Linear Technology

Part # LT1186FC
Description  DAC Programmable CCFL Switching Regulator(Bits-to-NitsTM)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1186FC Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1186FC Datasheet HTML 3Page - Linear Technology LT1186FC Datasheet HTML 4Page - Linear Technology LT1186FC Datasheet HTML 5Page - Linear Technology LT1186FC Datasheet HTML 6Page - Linear Technology LT1186FC Datasheet HTML 7Page - Linear Technology LT1186FC Datasheet HTML 8Page - Linear Technology LT1186FC Datasheet HTML 9Page - Linear Technology LT1186FC Datasheet HTML 10Page - Linear Technology LT1186FC Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1186F
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
0
–25
50
25
75
100
LT1186F • G25
52
51
50
49
48
VCC = 5V
VCC = 3.3V
VOUT = 0V
SUPPLY VOLTAGE (V)
0
8
LT1186F • G26
2
4
6
53
52
51
50
49
48
47
46
45
VOUT = 0V
TJ = 25°C
OUTPUT BIAS VOLTAGE (V)
–20
–10
–15
0
–5
5
10
LT1186F • G27
53
52
51
50
49
48
47
46
45
TJ = 25°C
VCC = 5V
VCC = 3.3V
PIN FUNCTIONS
CCFL PGND (Pin 1): This pin is the emitter of an internal
NPN power switch. CCFL switch current flows through
this pin and permits internal, switch-current sensing. The
regulator provides a separate analog ground and power
ground to isolate high current ground paths from low
current signal paths. Linear Technology recommends the
use of star-ground layout techniques.
ICCFL (Pin 2): This pin is the input to the CCFL lamp current
programming circuit. This pin internally regulates to
465mV. The pin accepts a DC input current signal of 0
µA
to 50
µA full scale from the DAC. This input signal is
converted to a 0
µA to 250µA source current at the CCFL VC
pin. As input programming current increases, the regu-
lated lamp current increases. For a typical 6mA lamp, the
range of input programming current is about 0
µA to 50µA.
DIO (Pin 3): This pin is the common connection between
the cathode and anode of two internal diodes. The remain-
ing terminals of the two diodes connect to ground. In a
grounded-lamp configuration, DIO connects to the low
voltage side of the lamp. Bidirectional lamp current flows
in the DIO pin and thus the diodes conduct alternately on
half cycles. Lamp current is controlled by monitoring one-
half of the average lamp current. The diode conducting on
negative half cycles has one-tenth of its current diverted to
the CCFL VC pin. This current nulls against the source
current provided by the lamp-current programmer circuit.
A single capacitor on the CCFL VC pin provides both stable
loop compensation and an averaging function to the half-
wave-rectified sinusoidal lamp current. Therefore, input
programming current relates to one-half of average lamp
current. This scheme reduces the number of loop com-
pensation components and permits faster loop transient
response in comparison to previously published circuits.
If a floating lamp configuration is used, ground the DIO
pin.
CCFL VC (Pin 4): This pin is the output of the lamp current
programmer circuit and the input of the current compara-
tor for the CCFL regulator. Its uses include frequency
compensation, lamp-current averaging for grounded-lamp
circuits and current limiting. The voltage on the CCFL VC
pin determines the current trip level for switch turn-off.
During normal operation this pin sits at a voltage between
0.95V (zero switch current) and 2.0V (maximum switch
current) with respect to analog ground (AGND). This pin
has a high impedance output and permits external voltage
clamping to adjust current limit. A single capacitor to
ground provides stable loop compensation. This simpli-
fied loop compensation method permits the CCFL regula-
tor to exhibit single-pole transient response behavior and
virtually eliminates transformer output overshoot.
DAC IOUT vs IOUT Bias Voltage
DAC IOUT vs Supply Voltage
DAC IOUT vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com