Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1186FC Datasheet(PDF) 5 Page - Linear Technology

Part # LT1186FC
Description  DAC Programmable CCFL Switching Regulator(Bits-to-NitsTM)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1186FC Datasheet(HTML) 5 Page - Linear Technology

  LT1186FC Datasheet HTML 1Page - Linear Technology LT1186FC Datasheet HTML 2Page - Linear Technology LT1186FC Datasheet HTML 3Page - Linear Technology LT1186FC Datasheet HTML 4Page - Linear Technology LT1186FC Datasheet HTML 5Page - Linear Technology LT1186FC Datasheet HTML 6Page - Linear Technology LT1186FC Datasheet HTML 7Page - Linear Technology LT1186FC Datasheet HTML 8Page - Linear Technology LT1186FC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1186F
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
0.53
0.52
0.51
0.50
0.49
0.48
0.47
0.46
0.45
0.44
0.43
0.42
0.41
0.40
0.39
0.38
–25
25
75
125
LT1186F • G07
175
–50
–75
0
50
100
150
ICCFL Summing Voltage
vs Temperature
ICCFL Summing Voltage
Load Regulation
ICCFL PROGRAMMING CURRENT (µA)
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
40
80
120
160
LT1186F • G08
200
20
0
60
100
140
180
T = –55
°C
T = 25
°C
T = 125
°C
∆CCFL VC Source Current for
∆ICCFL Programming Current
vs Temperature
TEMPERATURE (
°C)
4.80
4.90
4.85
5.00
4.95
5.10
5.05
–25
25
75
125
LT1186F • G10
175
–50
–75
0
50
100
150
ICCFL = 10µA
ICCFL = 50µA
ICCFL = 100µA
Negative DIO Voltage
vs Temperature
TEMPERATURE (
°C)
–75
1.2
1.6
125
LT1186F • G12
0.8
0.4
0
–25
25
75
175
1.0
1.4
0.6
0.2
100
–50
0
50
150
I(DIO) = 1mA
I(DIO) = 5mA
I(DIO) = 10mA
VC Sink Offset Current
vs Temperature
TEMPERATURE (
°C)
–3
–1
1
0
–2
10
9
6
8
7
5
3
2
4
–75
125 150
–25 0
–50
25 50
75 100
175
CCFL VC = 0.5V
CCFL VC = 1.0V
CCFL VC = 1.5V
LT1186F • G09
TEMPERATURE (
°C)
–75
101
103
125
LT1186F • G13
99
97
95
–25
25
75
175
100
102
98
96
100
–50
0
50
150
I(DIO) = 1mA
I(DIO) = 5mA
I(DIO) = 10mA
VC to DIO Current Servo
Ratio vs Temperature
TEMPERATURE (
°C)
–75
1.7
1.8
2.0
2.1
2.2
2.4
–50
50
100
LT1186F • G15
1.9
2.3
25
150 175
–25 0
75
125
VC High Clamp Voltage
vs Temperature
VC Low Clamp Voltage
vs Temperature
TEMPERATURE (
°C)
0
0.10
0.05
0.20
0.15
0.30
0.25
–25
25
75
125
LT1186F • G14
175
–50
–75
0
50
100
150
Positive DIO Voltage
vs Temperature
TEMPERATURE (
°C)
0
0.4
0.2
0.8
0.6
1.2
1.0
–25
25
75
125
LT1186F • G11
175
–50
–75
0
50
100
150
I(DIO) = 1mA
I(DIO) = 5mA
I(DIO) = 10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com