Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1186FC Datasheet(PDF) 1 Page - Linear Technology

Part # LT1186FC
Description  DAC Programmable CCFL Switching Regulator(Bits-to-NitsTM)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1186FC Datasheet(HTML) 1 Page - Linear Technology

  LT1186FC Datasheet HTML 1Page - Linear Technology LT1186FC Datasheet HTML 2Page - Linear Technology LT1186FC Datasheet HTML 3Page - Linear Technology LT1186FC Datasheet HTML 4Page - Linear Technology LT1186FC Datasheet HTML 5Page - Linear Technology LT1186FC Datasheet HTML 6Page - Linear Technology LT1186FC Datasheet HTML 7Page - Linear Technology LT1186FC Datasheet HTML 8Page - Linear Technology LT1186FC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1186F
DAC Programmable
CCFL Switching Regulator
(Bits-to-Nits
TM)
FEATURES
s
Wide Battery Input Range: 4.5V to 30V
s
Grounded Lamp or Floating Lamp Configurations
s
Open Lamp Protection
s
Precision 50
µA Full-Scale DAC Programming Current
s
Standard SPI Mode or Pulse Mode
s
DAC Setting Is Retained in Shutdown
face modes including standard SPI mode and pulse mode.
On power-up, the DAC counter resets to half-scale and the
DAC configures to SPI or pulse mode depending on the CS
signal level. In SPI mode, the system microprocessor
serially transfers the present 8-bit data and reads back the
previous 8-bit data. In pulse mode, the upper six bits of the
DAC configure as increment-only (1-wire interface) or
increment/decrement (2-wire interface) operation depend-
ing on the DIN signal level.
The LT1186F control circuitry operates from a logic supply
voltage of 3.3V or 5V. The IC also has a battery supply
voltage pin that operates from 4.5V to 30V. The LT1186F
draws 6mA typical quiescent current. An active low shut-
down pin reduces total supply current to 35
µA for standby
operation and the DAC retains its last setting. A 200kHz
switching frequency minimizes magnetic component size.
Current mode switching techniques with cycle-by-cycle
limiting gives high reliability and simple loop frequency
compensation. The LT1186F is available in a 16-pin nar-
row SO package.
s
Notebook and Palmtop Computers
s
Portable Instruments
s
Retail Terminals
APPLICATIONS
The LT
®1186F is a fixed frequency, current mode, switch-
ing regulator that provides the control function for Cold
Cathode Fluorescent Lighting (CCFL). The IC includes an
efficient high current switch, an oscillator, output drive
logic, control circuitry and a micropower 8-bit 50
µA full-
scale current output DAC. The DAC provides simple “bits-
to-lamp current control” and communicates in two inter-
DESCRIPTION
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.
Bits-to-Nits is a trademark of Linear Technology Corporation. 1 Nit = 1 Candela/meter2
90% Efficient Floating CCFL with 1-Wire (Increment Only) Pulse Mode Control of Lamp Current
BAT
8V TO 28V
16
15
14
13
12
11
10
9
ICCFL
DIO
CCFL VC
AGND
SHDN
CLK
CCFL VSW
BULB
BAT
ROYER
VCC
IOUT
DOUT
CCFL
PGND
CS
LT1186F
LAMP
UP TO 6mA
10
6
L1
R1
750
Ω
L2
100
µH
32
1
5
4
+
+
C7, 1
µF
C1*
0.068
µF
C5
1000pF
R2
220k
R3
100k
C3A
2.2
µF
35V
C4
2.2
µF
VIN
3.3V
OR 5V
LT1186F • TA01
C3B
2.2
µF
35V
C2
27pF
3kV
+
Q2*
Q1*
SHUTDOWN
ALUMINUM ELECTROLYTIC IS RECOMMENDED FOR C3A AND C3B.
MAKE 3CB ESR
≥ 0.5Ω TO PREVENT DAMAGE TO THE LT1186F HIGH-SIDE
SENSE RESISTOR DUE TO SURGE CURRENTS AT TURN-ON
C1 MUST BE A LOW LOSS CAPACITOR, C1 = WIMA MKP-20
Q1, Q2 = ZETEX ZTX849 OR ROHM 2SC5001
0
µA TO 50µA ICCFL CURRENT GIVES
0mA TO 6mA LAMP CURRENT
FOR A TYPICAL DISPLAY.
FOR ADDITIONAL CCFL/LCD CONTRAST APPLICATION CIRCUITS,
REFER TO THE LT1182/83/84/84F DATA SHEET
D1
BAT85
DIN
FROM MPU
1
2
3
4
5
6
7
8
D1
1N5818
L1 = COILTRONICS CTX210605
L2 = COILTRONICS CTX100-4
*DO NOT SUBSTITUTE COMPONENTS
COILTRONICS (407) 241-7876
CCFL BACKLIGHT APPLICATION CIRCUITS
CONTAINED IN THIS DATA SHEET ARE COVERED
BY U.S. PATENT NUMBER 5408162
AND OTHER PATENTS PENDING


Similar Part No. - LT1186FC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1186F LINER-LT1186F_15 Datasheet
221Kb / 16P
DAC Programmable CCFL Switching Regulator
More results

Similar Description - LT1186FC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1786F LINER-LT1786F Datasheet
350Kb / 20P
SMBus Programmable CCFL Switching Regulator
logo
List of Unclassifed Man...
MS6323 ETC-MS6323 Datasheet
281Kb / 8P
16-Bits Stereo Audio DAC
logo
Linear Technology
LTC1697 LINER-LTC1697 Datasheet
103Kb / 8P
High Efficiency Low Power 1W CCFL Switching Regulator
logo
Texas Instruments
PT7711 TI-PT7711 Datasheet
184Kb / 9P
20-A Programmable Integrated Switching Regulator
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311_1 Datasheet
146Kb / 6P
16-Bits Stereo Audio DAC
logo
Texas Instruments
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
30-A Programmable Integrated Switching Regulator
logo
Linear Technology
LTC1697 LINER-LTC1697_15 Datasheet
113Kb / 8P
High Efficiency Low Power 1W CCFL Switching Regulator
LT1186F LINER-LT1186F_15 Datasheet
221Kb / 16P
DAC Programmable CCFL Switching Regulator
LT1786F LINER-LT1786F_15 Datasheet
380Kb / 20P
SMBus Programmable CCFL Switching Regulator
logo
Analog Devices
ADA4355 AD-ADA4355 Datasheet
1Mb / 45P
Programmable Transimpedance, Current to Bits Receiver 關Module
Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com