Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1186FC Datasheet(PDF) 16 Page - Linear Technology

Part # LT1186FC
Description  DAC Programmable CCFL Switching Regulator(Bits-to-NitsTM)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1186FC Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1186FC Datasheet HTML 8Page - Linear Technology LT1186FC Datasheet HTML 9Page - Linear Technology LT1186FC Datasheet HTML 10Page - Linear Technology LT1186FC Datasheet HTML 11Page - Linear Technology LT1186FC Datasheet HTML 12Page - Linear Technology LT1186FC Datasheet HTML 13Page - Linear Technology LT1186FC Datasheet HTML 14Page - Linear Technology LT1186FC Datasheet HTML 15Page - Linear Technology LT1186FC Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1186F
APPLICATIONS INFORMATION
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
©LINEAR TECHNOLOGY CORPORATION 1995
References
1. Williams, Jim. August 1992.
Illumination Circuitry for
Liquid Crystal Displays. Linear Technology Corporation,
Application Note 49.
2. Williams, Jim. August 1993.
Techniques for 92% Effi-
cient LCD Illumination. Linear Technology Corporation,
Application Note 55.
3. Bonte, Anthony. March 1995.
LT1182 Floating CCFL
with Dual Polarity Contrast. Linear Technology Corpora-
tion, Design Note 99.
4. Williams, Jim. April 1995.
A Precision Wideband Cur-
rent Probe for LCD Backlight Measurement. Linear Tech-
nology Corporation, Design Note 101.
5. LT1182/LT1183/LT1184/LT1184F Data Sheet.
CCFL/
LCD Contrast Switching Regulators. April 1995. Linear
Technology Corporation.
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
LT/GP 1096 7K REV A • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1107
Micropower DC/DC Converter for LCD Contrast Control
1A, 63kHz, Hysteretic
LT1172
Current Mode Switching Regulator for CCFL or LCD Contrast Control
1.25A, 100kHz
LT1173
Micropower DC/DC Converter for LCD Contrast Control
1A, 24kHz, Hysteretic
LT1182
Dual Current Mode Switching Regulator for CCFL and LCD Contrast Control
1.25A, 0.625A, 200kHz
LT1183
Dual Current Mode Switching Regulator for CCFL and LCD Contrast Control
1.25A, 0.625A, 200kHz
LT1184
Current Mode Switching Regulator for CCFL Control
1.25A, 200kHz
LT1184F
Current Mode Switching Regulator for CCFL Control
1.25A, 200kHz
LT1372
Current Mode Switching Regulator for CCFL or LCD Contrast Contol
1.5A, 500kHz
RELATED PARTS
S Package
16-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
1
2
3
4
5
6
7
8
S16 0695
0.150 – 0.157**
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com