Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1186FC Datasheet(PDF) 9 Page - Linear Technology

Part # LT1186FC
Description  DAC Programmable CCFL Switching Regulator(Bits-to-NitsTM)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1186FC Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1186FC Datasheet HTML 5Page - Linear Technology LT1186FC Datasheet HTML 6Page - Linear Technology LT1186FC Datasheet HTML 7Page - Linear Technology LT1186FC Datasheet HTML 8Page - Linear Technology LT1186FC Datasheet HTML 9Page - Linear Technology LT1186FC Datasheet HTML 10Page - Linear Technology LT1186FC Datasheet HTML 11Page - Linear Technology LT1186FC Datasheet HTML 12Page - Linear Technology LT1186FC Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1186F
PIN FUNCTIONS
BAT (Pin 14): This pin connects to the battery or AC wall
adapter voltage from which the CCFL Royer converter
operates. This voltage is typically higher than the VCC
supply voltage but can equal VCCif VCC is a 5V logic supply.
The BAT voltage must be at least 2.1V greater than the
internal 2.4V regulator or 4.5V. This pin provides biasing
for the lamp-current programming block, is used with the
Royer pin for floating-lamp configurations and connects
to one input for the open-lamp protection circuitry. For
floating-lamp configurations, this pin is the noninverting
terminal of a high-side current sense amplifier. The typical
quiescent current is 50
µA into the pin. The BAT and Royer
pins monitor the primary-side Royer converter current
through an internal 0.1
Ω topside current sense resistor. A
0A to1A primary-side, center tap converter current is
translated to an input signal range of 0mV to 100mV for the
current sense amplifier. This input range translates to a
0
µA to 500µA sink current at the CCFL VC pin that nulls
against the source current provided by the programmer
circuit. The BAT pin also connects to the topside of the
internal clamp between the BAT and BULB pins that is used
for open-lamp protection.
BULB (Pin 15): This pin connects to the low side of a 7V
threshold comparator between the BAT and BULB pins.
This circuit sets the maximum voltage level across the
primary side of the Royer converter under all operating
conditions and limits the maximum secondary output
under start-up conditions or open-lamp conditions. This
eases transformer voltage rating requirements. Set the
voltage limit to ensure lamp start-up with worst-case,
lamp start voltages and cold temperature, system operat-
ing conditions. The BULB pin connects to the junction of
an external divider network. The divider network connects
from the center tap of the Royer transformer or the actual
battery supply voltage to the topside of the current source
“tail inductor.” A capacitor across the top of the divider
network filters switching ripple and sets a time constant
that determines how quickly the clamp activates. When
the comparator activates, sink current is generated to pull
the CCFL VC pin down. This action transfers the entire
regulator loop from current mode operation into voltage
mode operation.
CCFL VSW (Pin 16): This pin is the collector of the internal
NPN power switch for the CCFL regulator. The power
switch provides a minimum of 1.25A. Maximum switch
current is a function of duty cycle as internal slope com-
pensation ensures stability with duty cycles greater than
50%. Using a driver loop to automatically adapt base drive
current to the minimum required to keep the switch in a
quasi-saturation state yields fast switching times and high
efficiency operation. The ratio of switch current to driver
current is about 50:1.
TEST CIRCUITS
3k
100pF
LT1186F • TC02
5V tDZ WAVEFORM 2, tDV
tDZ WAVEFORM 1
DOUT
Load Circuit for tDZ, tDV
Load Circuit for tDO
3k
100pF
LT1186F • TC01
1.4V
DOUT
Voltage Waveforms for tDZ, tDV
0.8V
0.4V
2.4V
LT1186F • TC03
DOUT
CLK
tDO
Voltage Waveforms for tDO
LT1186F • TC04
0.8V
CS
DOUT
WAVEFORM 1
(SEE NOTE 1)
DOUT
WAVEFORM 2
(SEE NOTE 2)
2.4V
2.0V
90%
10%
0.4V
tDV
tDZ
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL
CONDITIONS SUCH THAT THE OUTPUT IS HIGH UNLESS
DISABLED BY CS
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL
CONDITIONS SUCH THAT THE OUTPUT IS LOW UNLESS
DISABLED BY CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com