Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1216CS Datasheet(PDF) 8 Page - Linear Technology

Part # LT1216CS
Description  23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1216CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1216CS Datasheet HTML 4Page - Linear Technology LT1216CS Datasheet HTML 5Page - Linear Technology LT1216CS Datasheet HTML 6Page - Linear Technology LT1216CS Datasheet HTML 7Page - Linear Technology LT1216CS Datasheet HTML 8Page - Linear Technology LT1216CS Datasheet HTML 9Page - Linear Technology LT1216CS Datasheet HTML 10Page - Linear Technology LT1216CS Datasheet HTML 11Page - Linear Technology LT1216CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1215/LT1216
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 3: The LT1215C/LT1216C are guaranteed functional over the
operating temperature range of – 40
°C to 85°C. The LT1215M is
guaranteed functional over the operating temperature range of
–55
°C to 125°C.
Note 4: The LT1215C/LT1216C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1215C/LT1216C are designed,
characterized and expected to meet specified performance from – 40
°C to
85
°C but are not tested or QA sampled at these temperatures. For
guaranteed I-grade parts consult the factory. The LT1215M is guaranteed
to meet specified performance from – 55
°C to 125°C.
Note 5: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LT1215MJ8, LT1215AMJ8:
TJ = TA + (PD •100°C/W)
LT1215CN8, LT1215ACN8:
TJ = TA + (PD •100°C/W)
LT1215CS8:
TJ = TA + (PD •150°C/W)
LT1216CN:
TJ = TA + (PD • 70°C/W)
LT1216CS:
TJ = TA + (PD •100°C/W)
Note 6: This parameter is not 100% tested.
Note 7: Guaranteed by correlation to 3.3V and
±15V tests.
Note 8: Slew rate is measured between
±8.5V on an output swing of ±10V
on
±15V supplies.
Note 9: Most LT1215/LT1216 electrical characteristics change very little
with supply voltage. See the 5V tables for characteristics not listed in the
3.3V table.
Note 10: Guaranteed by correlation to 5V and
±15V tests.
Note 11: Guaranteed by correlation to 3.3V tests.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
ELECTRICAL C
C
HARA TERISTICS
INPUT OFFSET VOLTAGE (
µV)
–525
50
45
40
35
30
25
20
15
10
5
0
–225
75
225
1215/16 G04
–375
–75
375
525
LT1215 N8 PACKAGE
LT1215 J8 PACKAGE
VS = 5V
Distribution of Offset Voltage Drift
Distribution of Input Offset Voltage
with Temperature
Distribution of Input Offset Voltage
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (
µV/°C)
–10
50
40
30
20
10
0
6
1215/16 G08
–6
–2
2
10
LT1215 S8 PACKAGE
LT1216 N PACKAGE
LT1216 S PACKAGE
VS = 5V
–8
–4
0
4
8
INPUT OFFSET VOLTAGE (
µV)
–750
30
25
20
15
10
5
0
–450
–150
150
450
750
1215/16 G09
LT1215 S8 PACKAGE
LT1216 N PACKAGE
LT1216 S PACKAGE
VS = ±15V
INPUT OFFSET VOLTAGE (
µV)
–525
50
45
40
35
30
25
20
15
10
5
0
–225
75
225
1215/16 G07
–375
–75
375
525
LT1215 S8 PACKAGE
LT1216 N PACKAGE
LT1216 S PACKAGE
VS = 5V
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (
µV/°C)
–5
50
40
30
20
10
0
3
1215/16 G05
–3
–1
1
5
LT1215 N8 PACKAGE
LT1215 J8 PACKAGE
VS = 5V
–4
–2
0
2
4
INPUT OFFSET VOLTAGE (
µV)
–750
30
25
20
15
10
5
0
–450
–150
150
450
750
1215/16 G06
LT1215 N8 PACKAGE
LT1215 J8 PACKAGE
VS = ±15V
Distribution of Offset Voltage Drift
Distribution of Input Offset
Distribution of Input Offset Voltage
with Temperature
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com