Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1216CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1216CS
Description  23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1216CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1216CS Datasheet HTML 2Page - Linear Technology LT1216CS Datasheet HTML 3Page - Linear Technology LT1216CS Datasheet HTML 4Page - Linear Technology LT1216CS Datasheet HTML 5Page - Linear Technology LT1216CS Datasheet HTML 6Page - Linear Technology LT1216CS Datasheet HTML 7Page - Linear Technology LT1216CS Datasheet HTML 8Page - Linear Technology LT1216CS Datasheet HTML 9Page - Linear Technology LT1216CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1215/LT1216
VS = ±15V, VCM = 0V, VOUT = 0V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
+
–15V ELECTRICAL C
C
HARA TERISTICS
LT1215AC
LT1215C/LT1216C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
325
550
400
750
µV
∆VOS
Input Offset Voltage Drift
8-Pin DIP Package
1
2.5
2
5
µV/°C
∆T
(Note 6)
14-Pin DIP, SO Package
3
10
µV/°C
IOS
Input Offset Current
30
100
30
160
nA
IB
Input Bias Current
360
530
360
800
nA
Input Voltage Range
12.9
13.1
12.9
13.1
V
–14.9
–15.1
–14.9
–15.1
V
CMRR
Common Mode Rejection Ratio
VCM = –14.9V to 12.9V
89
108
85
108
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.1V to ±18V
95
110
92
110
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
800
3000
800
3000
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 20mA
13.7
13.9
13.7
13.9
V
Output Low, ISINK = 20mA
– 14.2
– 14.5
– 14.2
– 14.5
V
IS
Supply Current Per Amplifier
3.3
6.3
9.2
3.3
6.3
9.2
mA
VS = ±15V, VCM = 0V, VOUT = 0V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted.
LT1215AM
LT1215M
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
350
650
500
950
µV
∆VOS
Input Offset Voltage Drift
1
2.5
2
5
µV/°C
∆T
(Note 6)
IOS
Input Offset Current
30
150
30
200
nA
IB
Input Bias Current
360
600
360
700
nA
Input Voltage Range
12.8
13.0
12.8
13.0
V
–14.6
–14.8
–14.6
–14.8
V
CMRR
Common Mode Rejection Ratio
VCM = – 14.6V to 12.8V
87
108
82
108
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.2V to ±15V
93
110
90
110
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
500
2000
500
2000
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 20mA
13.4
13.8
13.4
13.8
V
Output Low, ISINK = 20mA
–14
–14.5
–14
–14.5
V
IS
Supply Current Per Amplifier
2.3
7
10.3
2.3
7
10.3
mA
LT1215AC
LT1215C/LT1216C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
325
600
400
800
µV
∆VOS
Input Offset Voltage Drift
8-Pin DIP Package
1
2.5
2
5
µV/°C
∆T
(Note 6)
14-Pin DIP, SO Package
3
10
µV/°C
IOS
Input Offset Current
30
110
30
180
nA
IB
Input Bias Current
360
550
360
820
nA
Input Voltage Range
12.8
13.0
12.8
13.0
V
–14.8
–15.0
–14.8
–15.0
V
CMRR
Common Mode Rejection Ratio
VCM = – 14.8V to 12.8V
88
108
84
108
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.2V to ±18V
94
110
91
110
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
800
2500
800
2500
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 20mA
13.6
13.8
13.6
13.8
V
Output Low, ISINK = 20mA
– 14.1
– 14.5
– 14.1
– 14.5
V
IS
Supply Current Per Amplifier
2.9
6.5
9.5
2.9
6.5
9.5
mA
VS = ±15V, VCM = 0V, VOUT = 0V, – 40°C ≤ TA ≤ 85°C, unless otherwise noted. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com