Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1216CS Datasheet(PDF) 3 Page - Linear Technology

Part # LT1216CS
Description  23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1216CS Datasheet(HTML) 3 Page - Linear Technology

  LT1216CS Datasheet HTML 1Page - Linear Technology LT1216CS Datasheet HTML 2Page - Linear Technology LT1216CS Datasheet HTML 3Page - Linear Technology LT1216CS Datasheet HTML 4Page - Linear Technology LT1216CS Datasheet HTML 5Page - Linear Technology LT1216CS Datasheet HTML 6Page - Linear Technology LT1216CS Datasheet HTML 7Page - Linear Technology LT1216CS Datasheet HTML 8Page - Linear Technology LT1216CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1215/LT1216
5V
ELECTRICAL C
C
HARA TERISTICS
VS = 5V, VCM = 0.5V, VOUT = 0.5V, TA = 25°C, unless otherwise noted.
LT1215AC
LT1215C/LT1215M
LT1215AM
LT1216C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
125
300
150
450
µV
∆VOS
Long-Term Input Offset
0.8
1.0
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
35
80
35
120
nA
IB
Input Bias Current
420
500
420
600
nA
Input Noise Voltage
0.1Hz to 10Hz
400
400
nVP-P
en
Input Noise Voltage Density
fO = 10Hz
15.0
15.0
nV/
√Hz
fO = 1000Hz
12.5
12.5
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz
7.0
7.0
pA/
√Hz
fO = 1000Hz
0.5
0.5
pA/
√Hz
Input Resistance (Note 6)
Differential Mode
10
40
10
40
M
Ω
Common Mode
200
200
M
Ω
Input Capacitance
f = 1MHz
10
10
pF
Input Voltage Range
3.0
3.2
3.0
3.2
V
0
– 0.2
0
– 0.2
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3V
90
108
86
108
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V
96
115
93
115
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 3.7V, RL = 500Ω
150
600
150
600
V/mV
Maximum Output Voltage Swing Output High, No Load
4.30
4.39
4.30
4.39
V
(Note 7)
Output High, ISOURCE = 1mA
4.20
4.30
4.20
4.30
V
Output High, ISOURCE = 30mA
3.60
3.75
3.60
3.75
V
Output Low, No Load
0.005
0.008
0.005
0.008
V
Output Low, ISINK = 1mA
0.030
0.050
0.030
0.050
V
Output Low, ISINK = 30mA
0.630
1.000
0.630
1.000
V
IO
Maximum Output Current
(Note 11)
±30
±50
±30
±50
mA
SR
Slew Rate
AV = – 2
30
30
V/
µs
GBW
Gain-Bandwidth Product
f = 100kHz
23
23
MHz
IS
Supply Current Per Amplifier
3.6
4.75
6.6
3.6
4.75
6.6
mA
Minimum Supply Voltage
Single Supply
2.2
2.5
2.2
2.5
V
Full Power Bandwidth
AV = 1, VO = 2.5VP-P
2.6
2.6
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, VO = 100mV
16
16
ns
OS
Overshoot
AV = 1, VO = 100mV
25
25
%
tPD
Propagation Delay
AV = 1, VO = 100mV
13
13
ns
tS
Settling Time
0.01%, AV = 1, ∆VO = 2V
250
250
ns
Open-Loop Output Resistance
IO = 0mA, f = 10MHz
40
40
Ω
THD
Total Harmonic Distortion
AV = 1, VO = 1VRMS, 20Hz to 20kHz
0.001
0.001
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com