Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1216CS Datasheet(PDF) 7 Page - Linear Technology

Part # LT1216CS
Description  23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1216CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1216CS Datasheet HTML 3Page - Linear Technology LT1216CS Datasheet HTML 4Page - Linear Technology LT1216CS Datasheet HTML 5Page - Linear Technology LT1216CS Datasheet HTML 6Page - Linear Technology LT1216CS Datasheet HTML 7Page - Linear Technology LT1216CS Datasheet HTML 8Page - Linear Technology LT1216CS Datasheet HTML 9Page - Linear Technology LT1216CS Datasheet HTML 10Page - Linear Technology LT1216CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1215/LT1216
3.3V
ELECTRICAL C
C
HARA TERISTICS
VS = 3.3V, VCM = 0.5V, VOUT = 0.5V, TA = 25°C, unless otherwise noted. (Note 8)
VS = 3.3V, VCM = 0.5V, VOUT = 0.5V, 0°C ≤ TA ≤ 70°C, unless otherwise noted. (Note 9)
VS = 3.3V, VCM = 0.5V, VOUT = 0.5V, – 40°C ≤ TA ≤ 85°C, unless otherwise noted. (Notes 4, 9)
VS = 3.3V, VCM = 0.5V, VOUT = 0.5V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted. (Note 9)
LT1215AC
LT1215C/LT1215M
LT1215AM
LT1216C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
125
300
150
450
µV
Input Voltage Range (Note 10)
1.3
1.5
1.3
1.5
V
0
– 0.2
0
– 0.2
V
Maximum Output Voltage Swing Output High, No Load
2.60
2.69
2.60
2.69
V
Output High, ISOURCE = 1mA
2.50
2.60
2.50
2.60
V
Output High, ISOURCE = 30mA
1.90
2.05
1.90
2.05
V
Output Low, No Load
0.005
0.008
0.005
0.008
V
Output Low, ISINK = 1mA
0.035
0.050
0.035
0.050
V
Output Low, ISINK = 30mA
0.700
1.000
0.700
1.000
V
IO
Maximum Output Current
±30
±50
±30
±50
mA
LT1215AM
LT1215M
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
250
450
350
750
µV
Input Voltage Range (Note 10)
1.1
1.3
1.1
1.3
V
0.4
0.2
0.4
0.2
V
Maximum Output Voltage Swing Output High, No Load
2.30
2.50
2.30
2.50
V
Output High, ISOURCE = 1mA
2.20
2.40
2.20
2.40
V
Output High, ISOURCE = 20mA
1.80
2.10
1.80
2.10
V
Output Low, No Load
0.007
0.012
0.007
0.012
V
Output Low, ISINK = 1mA
0.040
0.070
0.040
0.070
V
Output Low, ISINK = 20mA
0.700
1.000
0.700
1.000
V
LT1215AC
LT1215C/LT1216C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
200
350
250
550
µV
Input Voltage Range (Note 10)
1.2
1.4
1.2
1.4
V
0.1
– 0.1
0.1
– 0.1
V
Maximum Output Voltage Swing Output High, No Load
2.50
2.63
2.50
2.63
V
Output High, ISOURCE = 1mA
2.40
2.54
2.40
2.54
V
Output High, ISOURCE = 20mA
2.00
2.19
2.00
2.19
V
Output Low, No Load
0.006
0.009
0.006
0.009
V
Output Low, ISINK = 1mA
0.035
0.055
0.035
0.055
V
Output Low, ISINK = 20mA
0.500
0.725
0.500
0.725
V
LT1215AC
LT1215C/LT1216C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
200
400
250
600
µV
Input Voltage Range (Note 10)
1.1
1.3
1.1
1.3
V
0.2
0
0.2
0
V
Maximum Output Voltage Swing Output High, No Load
2.40
2.50
2.40
2.50
V
Output High, ISOURCE = 1mA
2.30
2.46
2.30
2.46
V
Output High, ISOURCE = 20mA
1.90
2.12
1.90
2.12
V
Output Low, No Load
0.006
0.010
0.006
0.010
V
Output Low, ISINK = 1mA
0.035
0.060
0.035
0.060
V
Output Low, ISINK = 20mA
0.500
0.750
0.500
0.750
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com