Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1216CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1216CS
Description  23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1216CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1216CS Datasheet HTML 8Page - Linear Technology LT1216CS Datasheet HTML 9Page - Linear Technology LT1216CS Datasheet HTML 10Page - Linear Technology LT1216CS Datasheet HTML 11Page - Linear Technology LT1216CS Datasheet HTML 12Page - Linear Technology LT1216CS Datasheet HTML 13Page - Linear Technology LT1216CS Datasheet HTML 14Page - Linear Technology LT1216CS Datasheet HTML 15Page - Linear Technology LT1216CS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1215/LT1216
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Input Bias Current vs
Common Mode Range
Input Bias Current vs Temperature
Common Mode Voltage
vs Temperature
TIME AFTER POWER-UP (SEC)
0
20
15
10
5
0
–5
–10
–15
–20
160
1215/16 G03
40
80
120
200
180
140
100
60
20
VS = ±2.5V
RL =
∞
4 TYPICAL AMPLIFIERS
Input Noise Current, Noise
Common Mode Rejection Ratio
Input Referred Power Supply
Voltage Density vs Frequency
vs Frequency
Rejection Ratio vs Frequency
Supply Current vs Supply Votage
Supply Current vs Temperature
Warm-Up Drift vs Time
SUPPLY VOLTAGE (V)
0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
2
4
5
1215/16 G01
13
TA = 125°C
TA = 25°C
TA = –55°C
TEMPERATURE (°C)
V+
V+–1
V+–2
1215/16 G39
V –+1
V –
V ––1
–50
25
75
–25
0
50
100
125
COMMON-MODE VOLTAGE (V)
–1
0
–100
–200
–300
–400
–500
3
1215/16 G38
0
1
2
4
TA = 25°C
TA = –55°C
VS = 5V
TA = 125°C
FREQUENCY (Hz)
10k
110
100
90
80
70
60
50
40
30
20
10
100k
1M
10M
1215/16 G41
VS = 5V
FREQUENCY (Hz)
120
110
100
90
80
70
60
50
40
30
20
1k
100k
1M
10M
1215/16 G42
10k
NEGATIVE SUPPLY
VS = ±15V
AV = 100
POSITIVE SUPPLY
TEMPERATURE (°C)
–50
8
7
6
5
4
3
2
–25
050
75
1215/16 G02
100
125
25
VS = ±15V
VS = 5V
TEMPERATURE (°C)
–50
400
380
360
340
320
300
280
260
240
25
75
–25
0
50
100
125
1215/16 G37
IOS
+IB
–IB
VS = 5V
FREQUENCY (Hz)
20
18
16
14
12
10
8
6
4
2
0
10
1k
10k
100k
1215/16 G40
100
CURRENT NOISE
VS = ±15V
TA = 25°C
RS = 0Ω
VOLTAGE NOISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com