Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1216CS Datasheet(PDF) 14 Page - Linear Technology

Part # LT1216CS
Description  23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1216CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1216CS Datasheet HTML 10Page - Linear Technology LT1216CS Datasheet HTML 11Page - Linear Technology LT1216CS Datasheet HTML 12Page - Linear Technology LT1216CS Datasheet HTML 13Page - Linear Technology LT1216CS Datasheet HTML 14Page - Linear Technology LT1216CS Datasheet HTML 15Page - Linear Technology LT1216CS Datasheet HTML 16Page - Linear Technology LT1216CS Datasheet HTML 17Page - Linear Technology LT1216CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1215/LT1216
S
APPLICATI
I FOR ATIO
Inputs
Typically at room temperature, the inputs of the LT1215/
LT1216 can common mode 400mV below ground (V –)
and to within 1.5V of the positive supply with the amplifier
still functional. However the input bias current and offset
voltage will shift as shown in the characteristic curves. For
full precision performance, the common mode range
should be limited between ground (V –) and 2V below the
positive supply.
When either of the inputs is taken below ground (V –) by
more than about 700mV, that input current will increase
dramatically. The current is limited by internal 100
Ω
resistors between the input pins and diodes to each
supply. The output will remain low (no phase reversal) for
inputs 1.3V below ground (V –). If the output does not have
to sink current, such as in a single supply system with a 1k
load to ground, there is no phase reversal for inputs up to
8V below ground.
There are no clamps across the inputs of the LT1215/
LT1216 and therefore each input can be forced to any
voltage between the supplies. The input current will re-
main constant at about 360nA over most of this range.
When an input gets closer than 2V to the positive supply,
that input current will gradually decrease to zero until the
input goes above the supply, then it will increase due to the
previously mentioned diodes. If the inverting input is held
more positive than the noninverting input by 200mV or
more, while at the same time the noninverting input is
within 300mV of ground (V –), then the supply current will
increase by 5mA and the noninverting input current will
increase to about 100
µA. This should be kept in mind in
comparator applications where the inverting input stays
above ground (V –) and the noninverting input does not.
Output
The output of the LT1215/LT1216 will swing to within
0.61V of the positive supply with no load. The open-loop
output resistance, when the output is driven hard into the
positive rail, is about 100
Ω as the output starts to source
current; this resistance drops to about 20
Ω as the current
increases. Therefore when the output sources 1mA, the
output will swing to within 0.7V of the positive supply.
While sourcing 30mA, it is within 1.25V of the positive
supply.
The output of the LT1215/LT1216 will swing to within 5mV
of the negative supply while sinking zero current. Thus, in
a typical single supply application with the load going to
ground, the output will go to within 5mV of ground. The
open-loop output resistance when the output is driven
hard into the negative rail is about 25
Ω at low currents and
reduces to about 21
Ωathighcurrents.Thereforewhenthe
output sinks 1mA, the output is about 30mV above the
negative supply and while sinking 30mA, it is about
630mV above it.
The output of the LT1215/LT1216 has reverse-biased
diodes to each supply. If the output is forced beyond either
supply, unlimited currents will flow. If the current is
transient and limited to several hundred mA, no damage
will occur.
Feedback Components
Because the input currents of the LT1215/LT1216 are less
than 600nA, it is possible to use high value feedback
resistors to set the gain. However, care must be taken to
insure that the pole that is formed by the feedback resis-
tors and the input capacitance does not degrade the
stability of the amplifier. For example, if a single supply,
noninverting gain of two is set with two 10k resistors, the
LT1215/LT1216 will probably oscillate. This is because
the amplifier goes open-loop at 7MHz (6dB of gain) and
has 50
° of phase margin. The feedback resistors and the
10pF input capacitance generate a pole at 3MHz that
introduces 67
° of phase shift at 7MHz! The solution is
simple, lower the values of the resistors or add a feedback
capacitor of 10pF or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com