Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1216CS Datasheet(PDF) 5 Page - Linear Technology

Part # LT1216CS
Description  23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1216CS Datasheet(HTML) 5 Page - Linear Technology

  LT1216CS Datasheet HTML 1Page - Linear Technology LT1216CS Datasheet HTML 2Page - Linear Technology LT1216CS Datasheet HTML 3Page - Linear Technology LT1216CS Datasheet HTML 4Page - Linear Technology LT1216CS Datasheet HTML 5Page - Linear Technology LT1216CS Datasheet HTML 6Page - Linear Technology LT1216CS Datasheet HTML 7Page - Linear Technology LT1216CS Datasheet HTML 8Page - Linear Technology LT1216CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1215/LT1216
5V
ELECTRICAL C
C
HARA TERISTICS
VS = 5V, VCM = 0.5V, VOUT = 0.5V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted.
LT1215AM
LT1215M
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
250
450
350
750
µV
∆VOS
Input Offset Voltage Drift
1
2.5
2
5
µV/°C
∆T
(Note 6)
IOS
Input Offset Current
35
150
35
200
nA
IB
Input Bias Current
450
600
450
700
nA
Input Voltage Range
2.8
3.0
2.8
3.0
V
0.4
0.2
0.4
0.2
V
CMRR
Common Mode Rejection Ratio
VCM = 0.4V to 2.8V
87
108
82
108
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 12.5V
93
114
90
114
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 3.7V, RL = 500Ω
50
100
50
100
V/mV
Maximum Output Voltage Swing Output High, No Load
4.00
4.20
4.00
4.20
V
(Note 7)
Output High, ISOURCE = 1mA
3.90
4.10
3.90
4.10
V
Output High, ISOURCE = 20mA
3.50
3.80
3.50
3.80
V
Output Low, No Load
0.007
0.012
0.007
0.012
mV
Output Low, ISINK = 1mA
0.040
0.070
0.040
0.070
mV
Output Low, ISINK = 20mA
0.700
1.000
0.700
1.000
mV
IS
Supply Current Per Amplifier
2.3
5.5
8.4
2.3
5.5
8.4
mA
VS = ±15V, VCM = 0V, VOUT = 0V, TA = 25°C, unless otherwise noted.
LT1215AC
LT1215C/LT1215M
LT1215AM
LT1216C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
225
500
250
650
µV
IOS
Input Offset Current
30
80
30
110
nA
IB
Input Bias Current
360
500
360
550
nA
Input Voltage Range
13.0
13.2
13.0
13.2
V
–15.0
– 15.2
–15.0
– 15.2
V
CMRR
Common Mode Rejection Ratio
VCM = –15V to 13V
90
108
86
108
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V
96
110
93
110
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
1000
3500
1000
3500
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 30mA
13.5
13.75
13.5
13.75
V
Output Low, ISINK = 30mA
–14
–14.4
–14
–14.4
V
IO
Maximum Output Current
(Note 11)
±30
±50
±30
±50
mA
SR
Slew Rate
AV = – 2 (Note 8)
40
50
40
50
V/
µs
GBW
Gain-Bandwidth Product
f = 100kHz
15
23
15
23
MHz
IS
Supply Current Per Amplifier
3.6
5.7
8
3.6
5.7
8
mA
Channel Separation
VO = ±10V, RL = 2k
128
140
128
140
dB
Minimum Supply Voltage
Equal Split Supplies
±1.7
±2
±1.7
±2V
Full-Power Bandwidth
AV = 1, VO = 20VP-P
750
750
kHz
Settling Time
0.01%, AV = 1, ∆VO = 10V
480
480
ns
+15V ELECTRICAL C
C
HARA TERISTICS
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com