Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1216CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1216CS
Description  23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1216CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1216CS Datasheet HTML 7Page - Linear Technology LT1216CS Datasheet HTML 8Page - Linear Technology LT1216CS Datasheet HTML 9Page - Linear Technology LT1216CS Datasheet HTML 10Page - Linear Technology LT1216CS Datasheet HTML 11Page - Linear Technology LT1216CS Datasheet HTML 12Page - Linear Technology LT1216CS Datasheet HTML 13Page - Linear Technology LT1216CS Datasheet HTML 14Page - Linear Technology LT1216CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1215/LT1216
50ns/DIV
VS = 5V
AV = 1
1215/16 G30
5V Settling
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
±15V Small-Signal Response
50ns/DIV
VS = ±15V
AV = 1
1215/16 G34
5V Small-Signal Response
50ns/DIV
VS = 5V
AV = 1
1215/16 G34
Settling Time to 0.01%
vs Output Step
SETTLING TIME (ns)
200
300
400
1215/16 G36
10
8
6
4
2
0
–2
–4
–6
–8
–10
500
NONINVERTING
INVERTING
VS = ±15V
200ns/DIV
VS = ±15V
AV = –1
RF = RG = 1k
1215/16 G32
10V
0V
–10V
±15V Large-Signal Response
3V
0V
100ns/DIV
VS = 5V
AV = –1
RF = RG = 1k
CF = 20pF
1215/16 G31
5V Large-Signal Response
10V
0V
–10V
200ns/DIV
VS = ±15V
AV = 1
1215/16 G29
±15V Large-Signal Response
3V
0V
200ns/DIV
VS = 5V
AV = 1
1215/16 G28
5V Large-Signal Response
100ns/DIV
VS = ±15V
AV = –1
1215/16 G33
±15V Settling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com