Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1316 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1316
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1316 Datasheet HTML 4Page - Linear Technology LT1316 Datasheet HTML 5Page - Linear Technology LT1316 Datasheet HTML 6Page - Linear Technology LT1316 Datasheet HTML 7Page - Linear Technology LT1316 Datasheet HTML 8Page - Linear Technology LT1316 Datasheet HTML 9Page - Linear Technology LT1316 Datasheet HTML 10Page - Linear Technology LT1316 Datasheet HTML 11Page - Linear Technology LT1316 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1316
APPLICATIONS INFORMATION
Discontinuous Mode Operation
A boost converter with a high VOUT:VIN ratio operates with
a high duty cycle in continuous mode. For duty cycles
exceeding the LT1316’s guaranteed minimum specifica-
tion of 0.73, the circuit will need to be designed for
discontinuous operation. Additionally, very low peak cur-
rent limiting below 50mA may necessitate operating in this
mode unless high inductance values are acceptable. When
operating in discontinuous mode, a different equation
governs available output power. For each switch cycle, the
inductor current ramps down to zero, completely releas-
ing the stored energy. Energy stored in the inductor at any
time is equal to 1/2 LI2. Because this energy is released
each cycle, the equation for maximum power out is:
POUT(MAX) = 1/2L(IPEAK2)f
Where f =
+ tOFF
1
IPEAK(L)
VIN – VSAT
)
)
When designing for very low peak currents (< 50mA), the
inductor size needs to be large enough so that on-time is
a least 1
µs. On-time can be calculated by the equation:
On-Time =
IPEAK • L
(VIN – VSAT)
)
)
where VSAT = 0.2V.
Also, at these low current levels, current overshoot due to
power transistor turn-off delay will be a significant portion
of peak current. Increasing inductor size will keep this to
a minimum.
Design Example 1
Requirements: VIN = 2V, VOUT = 5V and ILOAD = 10mA.
1. Find duty cycle
DC =
VOUT – VIN + VD
VOUT – VSAT + VD
)
)
=
= 0.654
5 – 2 + 0.4
5 – 0.2 + 0.4
)
)
Because duty cycle is less than the LT1316 minimum
specification (0.73), the circuit can be designed for
continuous operation.
2. IPEAK =
2(IOUT)
1 – DC
=
= 58mA
2(10mA)
1 – 0.654
3. Find L
L =
VOUT – VIN + VD
0.4(IPEAK)
)
)
=
= 293
µH
5 – 2 + 0.4
0.4(58mA)
)
)
tOFF
2
µs
4. Find RSET resistor
Overshoot =
300ns
VIN
L
)
)
=
= 1.8mA
2
330
µH
)
)
Find RSET from Figure 3 for 58mA – 1.8mA = 56.2mA
RSET ≈ 47k
Design Example 2
Requirements: VIN = 3.3V, VOUT = 28V and ILOAD = 5mA.
1. Find duty cycle:
DC =
VOUT – VIN + VD
VOUT – VSAT + VD
)
)
=
= 0.89
28 – 3.3 + 0.4
28 – 0.2 + 0.4
)
)
Because duty cycle exceeds LT1316 minimum specifi-
cation of 73%, the circuit must be designed for discon-
tinuous operation.
2. Find POUT(MAX)
Multiply POUT by 1.4 to give a safe operating margin
POUT(MAX) = POUT(1.4) = (5mA)(28V)(1.4) = 0.196W
3. Set the on-time to the data sheet minimum of 3.4
µs and
find L
L =
(tON2)(VIN – VSAT)2
2POUT(MAX)(tON + tOFF)
=
= 52
µH
(3.4
µs2)(3.3 – 0.2)2
2(0.196W)(3.4
µs + 2µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com