Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1316 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1316
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316 Datasheet(HTML) 2 Page - Linear Technology

  LT1316 Datasheet HTML 1Page - Linear Technology LT1316 Datasheet HTML 2Page - Linear Technology LT1316 Datasheet HTML 3Page - Linear Technology LT1316 Datasheet HTML 4Page - Linear Technology LT1316 Datasheet HTML 5Page - Linear Technology LT1316 Datasheet HTML 6Page - Linear Technology LT1316 Datasheet HTML 7Page - Linear Technology LT1316 Datasheet HTML 8Page - Linear Technology LT1316 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1316
ABSOLUTE MAXIMUM RATINGS
VIN Voltage .............................................................. 12V
SW Voltage ............................................... – 0.4V to 30V
FB Voltage ..................................................... VIN + 0.3V
RSET Voltage ............................................................. 5V
SHDN Voltage ............................................................ 6V
LBI Voltage ................................................................VIN
LBO Voltage ............................................................. 12V
Maximum Switch Current ................................... 750mA
Maximum Junction Temperature ......................... 125
°C
Operating Temperature Range
Commercial ............................................. 0
°C to 70°C
Extended Commercial (Note 1) .......... – 40
°C to 85°C
Industrial (Note 2) .............................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
LT1316CMS8
ORDER PART
NUMBER
MS8 PART MARKING
LTCD
ORDER PART
NUMBER
S8 PART MARKING
1
2
3
4
8
7
6
5
TOP VIEW
LBO
LBI
RSET
GND
FB
SHDN
VIN
SW
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 120°C/W
1
2
3
4
LBO
LBI
RSET
GND
8
7
6
5
FB
SHDN
VIN
SW
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 160°C/W
Consult factory for Military grade parts.
ELECTRICAL C
C
HARA TERISTICS
Commercial grade 0
°C to 70°C, Industrial grade –40°C to 85°C, VIN = 2V, VSHDN = VIN, TA = 25°C unless otherwise noted. (Notes 1, 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
1.5
1.65
V
Maximum Operating Voltage
12
V
Quiescent Current
VSHDN = 2V, Not Switching
33
45
µA
q
50
µA
Quiescent Current in Shutdown
VSHDN = 0V, VIN = 2V
q
35
µA
VSHDN = 0V, VIN = 5V
q
710
µA
FB Pin Bias Current
q
330
nA
Line Regulation
VIN = 1.8V to 12V
q
0.04
0.15
%/V
LBI Input Threshold
Falling Edge
q
1.1
1.17
1.25
V
LBI Pin Bias Current
q
320
nA
LBI Input Hysteresis
q
35
65
mV
LBO Output Voltage Low
ISINK = 500µA
q
0.2
0.4
V
LBO Output Leakage Current
LBI = 1.7V, LBO = 5V
q
0.01
0.1
µA
SHDN Input Voltage High
q
1.4
V
SHDN Input Voltage Low
q
0.4
V
SHDN Pin Bias Current
VSHDN = 5V
q
2
5
µA
VSHDN = 0V
q
–1
–3
µA
LT1316CS8
LT1316IS8
1316
1316I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com