Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1316 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1316
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316 Datasheet(HTML) 5 Page - Linear Technology

  LT1316 Datasheet HTML 1Page - Linear Technology LT1316 Datasheet HTML 2Page - Linear Technology LT1316 Datasheet HTML 3Page - Linear Technology LT1316 Datasheet HTML 4Page - Linear Technology LT1316 Datasheet HTML 5Page - Linear Technology LT1316 Datasheet HTML 6Page - Linear Technology LT1316 Datasheet HTML 7Page - Linear Technology LT1316 Datasheet HTML 8Page - Linear Technology LT1316 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1316
PIN FUNCTIONS
LBO (Pin 1): Low-Battery Detector Output. Open collector
can sink up to 500
µA. Low-battery detector remains active
in shutdown mode.
LBI (Pin 2): Low-Battery Detector Input. When voltage at
this pin drops below 1.17V, LBO goes low.
RSET (Pin 3): A resistor between RSET and GND programs
peak switch current. The resistor value should be between
3k and 150k. Do not float or short to ground. This is a high
impedance node. Keep traces at this pin as short as
possible. Do not put capacitance at this pin.
GND (Pin 4): Ground. Connect directly to ground plane.
SW (Pin 5): Collector of NPN Power Transistor. Keep
traces at this pin as short as possible.
VIN (Pin 6): Input Supply. Must be bypassed close to the
pin.
SHDN (Pin 7): Shutdown. Ground this pin to place the part
in shutdown mode (only the low-battery detector remains
active). Tie to a voltage between 1.4V and 6V to enable the
device. SHDN pin is logic level and need only meet the
logic specification (1.4V for high, 0.4V for low).
FB (Pin 8): Feedback Pin. Reference voltage is 1.23V.
Connect resistive divider tap here. Minimize trace area at
FB. Set VOUT according to: VOUT = 1.23V(1 + R1/R2).
–
+
1.17V
A3
LBI
A2
DRIVER
LB0
L1
R3 = 10R4
1.5V
UNDERVOLTAGE
LOCKOUT
D1
C1
R5
R4
0.5V
Q2
×1
R2
R1
VOUT
VIN
Q1
×200
OSCILLATOR
6.3
µs ON
2
µs OFF
–
+
VREF
1.23V
FB
2
3
4
7
8
5
6
1
A4
RSET
VIN
SW
GND
1316 F01
SHDN
A1
Figure 1. LT1316 Block Diagram
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com