Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1316 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1316
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1316 Datasheet HTML 8Page - Linear Technology LT1316 Datasheet HTML 9Page - Linear Technology LT1316 Datasheet HTML 10Page - Linear Technology LT1316 Datasheet HTML 11Page - Linear Technology LT1316 Datasheet HTML 12Page - Linear Technology LT1316 Datasheet HTML 13Page - Linear Technology LT1316 Datasheet HTML 14Page - Linear Technology LT1316 Datasheet HTML 15Page - Linear Technology LT1316 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1316
TYPICAL APPLICATIONS N
LCD Bias Generator with Output Disconnect in Shutdown
VIN
VIN
3.3V
SW
RSET
7
8
65
MBR0540LT1
OPTIONAL CONNECTION
VBAT
1.6V TO 3.5V
VADJ
(VOUT ADJUST)
0V TO 3.3V
4
3
SHDN
FB
LT1316
GND
11k
1%
L1
22
µH
C1
22
µF
6.3V
C1: AVX TAJA226M006R
C2: AVX TAJB335M035R
L1: MURATA LQH3C220K04
Q1: MMBT3906LT3
1316 TA12
SHUTDOWN
+
+
4.7M
150k
100pF
50V
CERAMIC
VOUT
17.1V TO 19.8V
4mA
3.32M
1%
232k
1%
C2
3.3
µF
35V
0.33
µF
50V
CERAMIC
Q1
Universal Serial Bus (USB) to 5V/100mA DC/DC Converter
VIN
VIN
4V TO
7V
SW
RSET
3
8
65
D1
7
4
SHDN
FB
LT1316
GND
R3
10k
RB
100
Ω
L1
33
µH
C1
10
µF
10V
C1: 10
µF 10V AVX TAJB106M010
C2: 33
µF 10V AVX TPSC336M010
C3: 10
µF ALUMINUM ELECTROLYTIC
D1: MBR0520LT1
L1: 33
µH SUMIDA CD43 (OR COILCRAFT DO1608)
Q1: MPS1907A
1316 TA13
+
+
R2
1.00M
R1
324k
100pF
VOUT
5V
100mA
C2
33
µF
10V
+
C3
10
µF
10V
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com