Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1316 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1316
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1316 Datasheet HTML 5Page - Linear Technology LT1316 Datasheet HTML 6Page - Linear Technology LT1316 Datasheet HTML 7Page - Linear Technology LT1316 Datasheet HTML 8Page - Linear Technology LT1316 Datasheet HTML 9Page - Linear Technology LT1316 Datasheet HTML 10Page - Linear Technology LT1316 Datasheet HTML 11Page - Linear Technology LT1316 Datasheet HTML 12Page - Linear Technology LT1316 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1316
APPLICATIONS INFORMATION
4. Find IPEAK for 3.4µs on-time
IPEAK =
= 0.202A
tON(VIN – VSAT)
L
=
3.4
µs(3.3 – 0.2)
52
µH
5. Find RSET resistor
Overshoot =
300ns
VIN
L
)
)
=
300ns = 19mA
3.3
52
µH
)
)
Find RSET from Figure 3 for 0.202A – 19mA = 0.183A
RSET ≈ 13k
These discontinuous mode equations are designed to
minimize peak current at the expense of inductor size. If
smaller inductors are desired peak current must be
increased.
Capacitor Selection
Low ESR (Equivalent Series Resistance) capacitors should
be used at the output of the LT1316 to minimize output
ripple voltage. High quality input bypassing is also
required. For surface mount applications AVX TPS series
tantalum capacitors are recommended. These have been
specifically designed for switch mode power supplies and
have low ESR along with high surge current ratings.
For through-hole applications Sanyo OS-CON capacitors
offer extremely low ESR in a small package size. If peak
switch current is reduced using the RSET pin, capacitor
requirements can be eased and smaller, higher ESR units
can be used. Ordinary generic capacitors can generally be
used when peak switch current is less than 100mA,
although output voltage ripple may increase.
Diodes
Most of the application circuits on this data sheet specify
the Motorola MBR0520L surface mount Schottky diode.
This 0.5A, low drop diode suits the LT1316 well. In lower
current applications, a 1N4148 can be used although
efficiency will suffer due to the higher forward drop. This
effect is particularly noticeable at low output voltages. For
higher output voltage applications, such as LCD bias
generators, the extra drop is a small percentage of the
output voltage so the efficiency penalty is small. The low
cost of the 1N4148 makes it attractive wherever it can be
used. In through-hole applications the 1N5818 is the all
around best choice.
Lowering Output Ripple Voltage
To obtain lower output ripple voltage, a small feedforward
capacitor of about 50pF to 100pF may be placed from
VOUT to FB as detailed in Figure 6. Ripple voltages with
and without the added capacitor are pictured in Figures
7 and 8.
VIN
SW
RSET
GND
FB
SHDN
LT1316
47
µF
10k
R1
1M
1%
C1
100pF
R2
324k
1%
47
µF
2
CELLS
L1
47
µH
D1
VOUT
1316 F06
+
+
SHUTDOWN
Figure 6. 2-Cell to 5V Step-Up Converter
with Reduced Output Ripple Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com