Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1316 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1316
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316 Datasheet(HTML) 4 Page - Linear Technology

  LT1316 Datasheet HTML 1Page - Linear Technology LT1316 Datasheet HTML 2Page - Linear Technology LT1316 Datasheet HTML 3Page - Linear Technology LT1316 Datasheet HTML 4Page - Linear Technology LT1316 Datasheet HTML 5Page - Linear Technology LT1316 Datasheet HTML 6Page - Linear Technology LT1316 Datasheet HTML 7Page - Linear Technology LT1316 Datasheet HTML 8Page - Linear Technology LT1316 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1316
TYPICAL PERFORMANCE CHARACTERISTICS
SWITCH CURRENT (mA)
0
500
400
300
200
100
0
300
500
800
1316 G03
100 200
400
600 700
100
°C
–40
°C
75
°C
25
°C
Switch Saturation Voltage
vs Switch Current
TEMPERATURE (
°C)
–50
8
6
4
2
0
–25
0
25
50
1316 G04
75
100
Off-Time vs Temperature
TEMPERATURE (
°C)
–50
4
3
2
1
0
–25
0
25
50
1316 G05
75
100
TEMPERATURE (
°C)
–50
8
7
6
5
–25
0
25
50
1316 G06
75
100
Maximum On-Time
vs Temperature
Quiescent Current vs Temperature
TEMPERATURE (
°C)
–50
36
34
32
30
28
26
–25
0
25
50
1316 G07
75
100
Feedback Voltage vs Temperature
TEMPERATURE (
°C)
–50
1.240
1.235
1.230
1.225
1.220
–25
0
25
50
1316 G08
75
100
LBI Pin Bias Current
vs Temperature
10
100
1000
TEMPERATURE (
°C)
–50
–25
0
25
50
1316 G10
75
100
RSET = 4.84k
RSET = 27.4k
RSET = 97.3k
RSET = 10k
Shutdown Pin Bias Current
vs Shutdown Pin Voltage
FB Pin Bias Current
vs Temperature
Peak Switch Current
vs Temperature
SHUTDOWN PIN VOLTAGE (V)
0
4
3
2
1
0
–1
12
3
4
1316 G09
56
TEMPERATURE (
°C)
–50
4
3
2
1
–25
0
25
50
1316 G11
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com