Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1316 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1316
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1316 Datasheet HTML 2Page - Linear Technology LT1316 Datasheet HTML 3Page - Linear Technology LT1316 Datasheet HTML 4Page - Linear Technology LT1316 Datasheet HTML 5Page - Linear Technology LT1316 Datasheet HTML 6Page - Linear Technology LT1316 Datasheet HTML 7Page - Linear Technology LT1316 Datasheet HTML 8Page - Linear Technology LT1316 Datasheet HTML 9Page - Linear Technology LT1316 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1316
APPLICATIONS INFORMATION
10
µs/DIV
1316 F02
Figure 2. Switching Waveforms
RSET (kΩ)
10
100
1000
10
100
1316 F03
Figure 3. DC Current Limit vs RSET Resistor
Note: DC Current is the Peak Switch Current if the Power
Transistor had Zero Turn-Off Delay
VOUT
AC COUPLED
200mV/DIV
VSW
5V/DIV
INDUCTOR
CURRENT
100mA/DIV
During the portion of the switch cycle when Q1 is turned
off, current is forced through D1 to C1 causing output
voltage to rise. This switching action continues until
output voltage rises enough to overcome A1’s hysteresis.
Peak switch current is set by a resistor from the RSET pin
to ground. Voltage at the RSET pin is forced to 0.5V by A4
and is used to set up a constant current through R5. This
current also flows through R3 which sets the voltage at the
positive input of comparator A2. When Q1 turns on, the
SW pin goes low and current ramps up at the rate VIN/L.
Current through Q2 is equal to Q1’s current divided by 200.
When current through Q2 causes the voltage drop across
R4 and R3 to be equal, A2 changes state and resets the
oscillator, causing Q1 to turn off. Shutdown is accom-
plished by grounding the SHDN pin.
The low-battery detector A3 has its own 1.17V reference
and is always on. The open collector output device can sink
up to 500
µA. Approximately 35mV of hysteresis is built
into A3 to reduce “buzzing” as the battery voltage reaches
the trip level.
Current Limit
During active mode when the part is switching, current in
the inductor ramps up each switch cycle until reaching a
preprogrammed current limit. This current limit value
must be set by placing the appropriate resistor from the
RSET pin to ground. This resistance value can be found by
using Figure 3 to locate the desired DC current limit and
Table 1 simplifies component selection for commonly
used input and output voltages. The methods used in
determining these values are discussed in more detail later
in this data sheet.
VOUT can be set using the equation:
VOUT = 1.23
R2 + R1
R2
)
)
R1
VOUT
R2
1316 EQF01
FB
Table 1. RSET Resistor and Inductor Values
LOAD
RSET
PEAK SWITCH
VIN
VOUT
CURRENT
RESISTOR
INDUCTOR
CURRENT
2
5
10mA
36.8k
100
µH
80mA
2
5
25mA
18.2k
68
µH
165mA
2
5
50mA
10k
47
µH
320mA
2
5
75mA
6.81k
33
µH
500mA
5
12
100mA
6.81k
82
µH
490mA
5
28
1mA
75k
100
µH
56mA
5
28
5mA
22.1k
100
µH
140mA
5
28
10mA
10k
100
µH
270mA
Operation
To understand operation of the LT1316, first examine
Figure 1. Comparator A1 monitors FB voltage which is
VOUT divided down by resistor divider network R1/R2.
When voltage at the FB pin drops below the reference
voltage (1.23V), A1’s output goes high and the oscillator
is enabled. The oscillator has an off-time fixed at 2
µs and
an on-time limited to 6.3
µs. Power transistor Q1 is cycled
on and off by the oscillator forcing current through the
inductor to alternately ramp up and down (see Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com