Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1316 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1316
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1316 Datasheet HTML 3Page - Linear Technology LT1316 Datasheet HTML 4Page - Linear Technology LT1316 Datasheet HTML 5Page - Linear Technology LT1316 Datasheet HTML 6Page - Linear Technology LT1316 Datasheet HTML 7Page - Linear Technology LT1316 Datasheet HTML 8Page - Linear Technology LT1316 Datasheet HTML 9Page - Linear Technology LT1316 Datasheet HTML 10Page - Linear Technology LT1316 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1316
APPLICATIONS INFORMATION
then adding in the amount of overshoot that will occur due
to turn-off delay of the power transistor. This turn-off
delay is approximately 300ns.
Peak switch current = DC current limit from graph +
VIN/L(turn-off delay)
Example:
Set peak switch current to 100mA for: VIN = 2V,
L = 33
µH
Overshoot = VIN/L(turn-off delay) = (2/33µH)(300ns)
= 18.2mA
Refer to RSET graph and locate
(100mA – 18.2mA)
≈ 82mA
RSET ≈ 33k
Calculating Duty Cycle
For a boost converter running in continuous conduction
mode, duty cycle is constrained by VIN and VOUT according
to the equation:
DC =
VOUT – VIN + VD
VOUT – VSAT + VD
where VD = diode voltage drop ≈ 0.4V and VSAT = switch
saturation voltage
≈ 0.2V.
If the duty cycle exceeds the LT1316’s minimum specified
duty cycle of 0.73, the converter cannot operate in con-
tinuous conduction mode and must be designed for
discontinuous mode operation.
Inductor Selection and Peak Current Limit for
Continuous Conduction Mode
Peak current and inductance determine available output
power. Both must be chosen properly. If peak current or
inductance is increased, output power increases. Once
output power or current and duty cycle are known, peak
current can be set by the following equation, assuming
continuous mode operation:
IPEAK =
2(IOUT)
1 – DC
(1)
Inductance can now be calculated using the peak current:
L =
(tOFF)
VOUT – VIN + VD
0.4(IPEAK)
(2)
where tOFF = 2µs and VD = 0.4V.
As a result of equations 1 and 2, ripple current during
switching will be 40% of the peak current (see Figure 2).
Using these equations at the specified IOUT, the part is
delivering approximately 60% of its maximum output
power. In other words, the part is operating on a 40%
reserve. This is a safe margin to use and can be decreased
if input voltage and output current are tightly controlled.
For some applications, this recommended inductor size
may be too large. Inductance can be reduced but available
output power will decrease. Also, ripple current during
switching will increase and may cause discontinuous
operation. Discontinuous operation occurs when
inductor current ramps down to zero at the end of each
switch cycle (see Figure 4). Shown in Figure 5 is minimum
inductance vs peak current for the part to remain in
continuous mode.
Figure 5. Minimum Inductance vs Peak Current
for Continuous Mode Operation
PEAK CURRENT (mA)
10
10
100
1000
100
1000
1316 F05
5V TO 18V
5V TO 12V
2V TO 5V
2
µs/DIV
Figure 4. Discontinuous Mode Operation
1316 F04
SW PIN
5V/DIV
0mA
INDUCTOR
CURRENT
100mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com