Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 8 Page - Linear Technology

Part # LT1499CS
Description  10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1499CS Datasheet HTML 4Page - Linear Technology LT1499CS Datasheet HTML 5Page - Linear Technology LT1499CS Datasheet HTML 6Page - Linear Technology LT1499CS Datasheet HTML 7Page - Linear Technology LT1499CS Datasheet HTML 8Page - Linear Technology LT1499CS Datasheet HTML 9Page - Linear Technology LT1499CS Datasheet HTML 10Page - Linear Technology LT1499CS Datasheet HTML 11Page - Linear Technology LT1499CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1498/LT1499
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE (
µV)
– 500
15
20
25
300
1498/99 G01
10
5
0
–300
–100
100
500
LT1498: N8, S8 PACKAGES
LT1499: S14 PACKAGE
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (
µV)
– 500
15
20
25
300
1498/99 G02
10
5
0
–300
–100
100
500
LT1498: N8, S8 PACKAGES
LT1499: S14 PACKAGE
VS = 5V, 0V
VCM = 0V TO 5V
INPUT OFFSET VOLTAGE (
µV)
– 500
15
20
25
300
1498/99 G02
10
5
0
–300
–100
100
500
LT1498: N8, S8 PACKAGES
LT1499: S14 PACKAGE
VS = 5V, 0V
VCM = 5V
Supply Current vs Supply Voltage
Input Bias Current
vs Common Mode Voltage
Supply Current vs Temperature
TOTAL SUPPLY VOLTAGE (V)
0
1.0
1.5
32
1498/99 G04
0.5
0
8
16
24
436
12
20
28
2.0
TA = 125°C
TA = 25°C
TA = –55°C
TEMPERATURE (
°C)
–50
25
1498/99 G05
1.0
0.5
–25
0
50
0
2.0
1.5
75
100
125
VS = ±15V
VS = 5V, 0V
COMMON MODE VOLTAGE (V)
–2
0
200
23456
1498/99 G06
– 200
– 400
–1
0
1
400
–100
100
– 300
300
VS = 5V, 0V
TA = 125°C
TA = 25°C
TA = –55°C
Output Saturation Voltage
vs Load Current (Output Low)
TEMPERATURE (
°C)
–50
400
300
200
100
0
–100
– 200
– 300
– 400
70
1498/99 G07
–20
10
40
–35
85
–5
25
55
100
VS = 5V, 0V
VCM = 5V
VS = 5V, 0V
VCM = 0V
VS = ±15V
VCM = 15V
VS = ±15V
VCM = –15V
NPN ACTIVE
PNP ACTIVE
Input Bias Current vs Temperature
Output Saturation Voltage
vs Load Current (Output High)
LOAD CURRENT (mA)
10
100
0.001
0.1
1
10
1498/99 G08
1
0.01
1000
TA = –55°C
TA = 25°C
TA = 125°C
LOAD CURRENT (mA)
10
100
0.001
0.1
1
10
1498/99 G09
1
0.01
1000
TA = –55°C
TA = 25°C
TA = 125°C
VOS Distribution, VCM = 0V
(PNP Stage)
VOS Distribution VCM = 5V
(NPN Stage)
∆VOS Shift for VCM = 0V to 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com