Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 14 Page - Linear Technology

Part # LT1499CS
Description  10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1499CS Datasheet HTML 8Page - Linear Technology LT1499CS Datasheet HTML 9Page - Linear Technology LT1499CS Datasheet HTML 10Page - Linear Technology LT1499CS Datasheet HTML 11Page - Linear Technology LT1499CS Datasheet HTML 12Page - Linear Technology LT1499CS Datasheet HTML 13Page - Linear Technology LT1499CS Datasheet HTML 14Page - Linear Technology LT1499CS Datasheet HTML 15Page - Linear Technology LT1499CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1498/LT1499
TYPICAL APPLICATIONS N
Input Bias Current Cancellation
–
+
1M
1M
CANCELLATION
AMP
SIGNAL
AMP
22pF
INPUT BIAS CURRENT LESS THAN 50nA
FOR 500mV
≤ VIN ≤ (V+ – 500mV)
1/2 LT1498
1/2 LT1498
RF
VOUT
1498/99 TA05
VIN
RG
N8 0695
0.005
(0.127)
MIN
0.100
± 0.010
(2.540
± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.015
(0.380)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
N8 Package
8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com