Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 5 Page - Linear Technology

Part # LT1499CS
Description  10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 5 Page - Linear Technology

  LT1499CS Datasheet HTML 1Page - Linear Technology LT1499CS Datasheet HTML 2Page - Linear Technology LT1499CS Datasheet HTML 3Page - Linear Technology LT1499CS Datasheet HTML 4Page - Linear Technology LT1499CS Datasheet HTML 5Page - Linear Technology LT1499CS Datasheet HTML 6Page - Linear Technology LT1499CS Datasheet HTML 7Page - Linear Technology LT1499CS Datasheet HTML 8Page - Linear Technology LT1499CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1498/LT1499
ELECTRICAL CHARACTERISTICS
–40
°C < TA < 85°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Short-Circuit Current
VS = 5V
q
±7.5
±15
mA
VS = 3V
q
±7.5
±15
mA
IS
Supply Current per Amplifier
q
2.0
2.7
mA
GBW
Gain-Bandwidth Product (Note 6)
q
5.8
8.5
MHz
SR
Slew Rate (Note 7)
VS = 5V, AV = –1, RL = Open, VO = 4V
q
2.2
3.6
V/
µs
VS = 3V, AV = –1, RL = Open
q
1.9
3.2
V/
µs
TA = 25°C, VS = ±15V, VCM = 0V, VOUT = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
200
800
µV
VCM = V–
200
800
µV
∆VOS
Input Offset Voltage Shift
VCM = V– to V+
150
650
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = V+, V– (Note 4)
250
1400
µV
IB
Input Bias Current
VCM = V+
0
250
550
nA
VCM = V–
– 550
– 250
0
nA
∆IB
Input Bias Current Shift
VCM = V– to V+
500
1100
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ (Note 4)
0
12
120
nA
VCM = V– (Note 4)
– 120
– 12
0
nA
IOS
Input Offset Current
VCM = V+
660
nA
VCM = V
–
660
nA
∆IOS
Input Offset Current Shift
VCM = V
– to V+
12
120
nA
Input Noise Voltage
0.1Hz to 10Hz
400
nVP-P
en
Input Noise Voltage Density
f = 1kHz
12
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.3
pA/
√Hz
AVOL
Large-Signal Voltage Gain
VO = – 14.5V to 14.5V, RL = 10k
1000
5200
V/mV
VO = – 10V to 10V, RL = 2k
500
2300
V/mV
Channel Separation
VO = – 10V to 10V, RL = 2k
116
130
dB
CMRR
Common-Mode Rejection Ratio
VCM = V– to V +
93
106
dB
CMRR Match (Channel-to-Channel) (Note 4)
VCM = V– to V +
87
103
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
89
110
dB
PSRR Match (Channel-to-Channel) (Note 4)
VS = ±5V to ±15V
83
105
dB
VOL
Output Voltage Swing (Low) (Note 5)
No Load
18
30
mV
ISINK = 0.5mA
40
80
mV
ISINK = 10mA
230
500
mV
VOH
Output Voltage Swing (High) (Note 5)
No Load
2.5
10
mV
ISINK = 0.5mA
55
120
mV
ISINK = 10mA
420
800
mV
ISC
Short-Circuit Current
±15
±30
mA
IS
Supply Current per Amplifier
1.8
2.5
mA
GBW
Gain-Bandwidth Product (Note 6)
6.8
10.5
MHz
SR
Slew Rate
AV = – 1, RL = Open, VO = ±10V
3.5
6
V/
µs
Measure at VO = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com