Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1499CS
Description  10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1499CS Datasheet HTML 7Page - Linear Technology LT1499CS Datasheet HTML 8Page - Linear Technology LT1499CS Datasheet HTML 9Page - Linear Technology LT1499CS Datasheet HTML 10Page - Linear Technology LT1499CS Datasheet HTML 11Page - Linear Technology LT1499CS Datasheet HTML 12Page - Linear Technology LT1499CS Datasheet HTML 13Page - Linear Technology LT1499CS Datasheet HTML 14Page - Linear Technology LT1499CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1498/LT1499
TYPICAL PERFORMANCE CHARACTERISTICS
APPLICATIONS INFORMATION
Rail-to-Rail Input and Output
The LT1498/LT1499 are fully functional for an input and
output signal range from the negative supply to the posi-
tive supply. Figure 1 shows a simplified schematic of the
amplifier. The input stage consists of two differential
amplifiers, a PNP stage (Q1/Q2) and an NPN stage (Q3/
Q4) which are active over different ranges of input com-
mon mode voltage. A complementary common emitter
output stage (Q14/Q15) is employed allowing the output
to swing from rail-to-rail. The devices are fabricated on
Linear Technology’s proprietary complementary bipolar
process to ensure very similar DC and AC characteristics
for the output devices (Q14/Q15).
The PNP differential input pair is active for input common
mode voltages, VCM, between the negative supply to
approximately 1.3V below the positive supply. As VCM
moves further toward the positive supply, the transistor
Q5 will steer the tail current, I1, to the current mirror Q6/
Q7 activating the NPN differential pair, and the PNP
differential pair becomes inactive for the rest of the input
common mode range up to the positive supply.
The output is configured with a pair of complementary
common emitter stages that enables the output to swing
from rail to rail. Capacitors C1 and C2 form local feedback
loops that lower the output impedance at high frequencies.
5V Small-Signal Response
200ns/DIV
VS = 5V
AV = 1
VIN = 20mVP-P AT 50kHz
RL = 1k
1498/99 G27
±15V Small-Signal Response
200ns/DIV
1498/99 G29
VS = ±15V
AV = 1
VIN = 20mVP-P AT 50kHz
RL = 1k
5V Large-Signal Response
2
µs/DIV
VS = 5V
AV = 1
VIN = 4VP-P AT 10kHz
RL = 1k
1498/99 G28
±15V Large-Signal Response
2
µs/DIV
VS = ±15V
AV = 1
VIN = 20VP-P AT 10kHz
RL = 1k
1498/99 G30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com