Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 16 Page - Linear Technology

Part # LT1499CS
Description  10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1499CS Datasheet HTML 8Page - Linear Technology LT1499CS Datasheet HTML 9Page - Linear Technology LT1499CS Datasheet HTML 10Page - Linear Technology LT1499CS Datasheet HTML 11Page - Linear Technology LT1499CS Datasheet HTML 12Page - Linear Technology LT1499CS Datasheet HTML 13Page - Linear Technology LT1499CS Datasheet HTML 14Page - Linear Technology LT1499CS Datasheet HTML 15Page - Linear Technology LT1499CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1498/LT1499
14989f LT/TP 0397 7K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1996
RELATED PARTS
PART NUMBER
DESCRIPTON
COMMENTS
LTC
®1152
Rail-to-Rail Input and Output, Zero-Drift Op Amp
High DC Accuracy, 10
µV VOS(MAX), 100nV/°C Drift, 1MHz GBW,
1V/
µs Slew Rate, Max Supply Current 2.2mA
LT1211/LT1212
Dual/Quad 14MHz, 7V/
µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275
µV VOS(MAX),
6
µV/°C Max Drift, Max Supply Current 1.8mA per Op Amp
LT1213/LT1214
Dual/Quad 28MHz, 12V/
µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275
µV VOS(MAX),
6
µV/°C Max Drift, Max Supply Current 3.5mA per Op Amp
LT1215/LT1216
Dual/Quad 23MHz, 50V/
µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 450
µV VOS(MAX),
Max Supply Current 6.6mA per Op Amp
LT1366/LT1367
Dual/Quad Precision, Rail-to-Rail Input and Output Op Amps
475
µV VOS(MAX), 400kHz GBW, 0.13V/µs Slew Rate,
Max Supply Current 520
µA per Op Amp
LT1490/LT1491
Dual/Quad Micropower, Rail-to-Rail Input and Output Op Amps
Max Supply Current 50
µA per Op Amp, 200kHz GBW, 0.07V/µs
Slew Rate, Operates with Inputs 44V Above V – Independent
of V +
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
TYPICAL APPLICATION
Bidirectional Current Sensor
A bidirectional current sensor for battery-powered sys-
tems is shown in Figure 3. Two outputs are provided: one
proportional to charge current, the other proportional to
discharge current. The circuit takes advantage of the
LT1498’s rail-to-rail input range and its output phase
reversal protection. During the charge cycle, the op amp
A1 forces a voltage equal to (IL)(RSENSE) across RA. This
voltage is then amplified at the Charge Out by the ratio of
RB over RA. In this mode, the output of A2 remains high,
keeping Q2 off and the Discharge Out low, even though the
(+) input of A2 exceeds the positive power supply. During
the discharge cycle, A2 and Q2 are active and the operation
is similar to the charge cycle.
–
+
–
+
A1
1/2 LT1498
A2
1/2 LT1498
Q2
MTP23P06
VO = IL
= 1V/A
FOR RA = 1k, RB = 10k
RSENSE
DISCHARGE
OUT
CHARGE
OUT
Q1
MTP23P06
RA
RB
RB
RA
RA
RA
VBATTERY
VBATTERY
1498/99 F03
DISCHARGE
IL
CHARGE
RA
RSENSE
0.1
Ω
RB
()
VO
IL
Figure 3. Bidirectional Current Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com