Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1499CS
Description  10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 1 Page - Linear Technology

  LT1499CS Datasheet HTML 1Page - Linear Technology LT1499CS Datasheet HTML 2Page - Linear Technology LT1499CS Datasheet HTML 3Page - Linear Technology LT1499CS Datasheet HTML 4Page - Linear Technology LT1499CS Datasheet HTML 5Page - Linear Technology LT1499CS Datasheet HTML 6Page - Linear Technology LT1499CS Datasheet HTML 7Page - Linear Technology LT1499CS Datasheet HTML 8Page - Linear Technology LT1499CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1498/LT1499
10MHz, 6V/
µs, Dual/Quad
Rail-to-Rail Input and Output
Precision C-Load Op Amps
FEATURES
s
Rail-to-Rail Input and Output
s
475
µV Max VOS from V+ to V–
s
Gain-Bandwidth Product: 10MHz
s
Slew Rate: 6V/
µs
s
Low Supply Current per Amplifier: 1.7mA
s
Input Offset Current: 50nA Max
s
Input Bias Current: 500nA Max
s
Open-Loop Gain: 1000V/mV Min
s
Low Input Noise Voltage: 12nV/
√Hz Typ
s
Wide Supply Range: 2.2V to
±15V
s
Large Output Drive Current: 30mA
s
Stable for Capacitive Loads Up to 10,000pF
s
Dual in 8-Pin PDIP and SO Package
s
Quad in Narrow 14-Pin SO
DESCRIPTION
The LT
®1498/LT1499 are dual/quad, rail-to-rail input and
output precision C-Load
TM op amps with a 10MHz gain-
bandwidth product and a 6V/
µs slew rate.
The LT1498/LT1499 are designed to maximize input
dynamic range by delivering precision performance over
the full supply voltage. Using a patented technique, both
input stages of the LT1498/LT1499 are trimmed, one at the
negative supply and the other at the positive supply. The
resulting guaranteed common mode rejection is much
better than other rail-to-rail input op amps. When used as a
unity-gain buffer in front of single supply 12-bit A-to-D
converters, the LT1498/LT1499 are guaranteed to add less
than 1LSB of error even in single 3V supply systems.
With 110dB of supply rejection, the LT1498/LT1499 main-
tain their performance over a supply range of 2.2V to 36V
and are specified for 3V, 5V and
±15V supplies. The inputs
can be driven beyond the supplies without damage or
phase reversal of the output. These op amps remain stable
while driving capacitive loads up to 10,000pF.
The LT1498 is available with the standard dual op amp
configuration in 8-pin PDIP and SO packaging. The LT1499
features the standard quad op amp configuration and is
available in a 14-pin plastic SO package. These devices can
be used as plug-in replacements for many standard op
amps to improve input/output range and precision.
TYPICAL APPLICATION
Frequency Response
FREQUENCY (Hz)
100
–50
–30
–10
10
1M
1498 TA02
–70
–90
–60
–40
–20
0
–80
–100
–110
1k
10k
100k
10M
VIN = 2.7VP-P
V + = 3V
1/2 LT1498
6.81k
VIN
V+/2
V+
VOUT
1498 TA01
330pF
11.3k
6.81k
1/2 LT1498
5.23k
47pF
1000pF
10.2k
5.23k
100pF
Single Supply 100kHz 4th Order Butterworth Filter
APPLICATIONS
s
Driving A-to-D Converters
s
Active Filters
s
Rail-to-Rail Buffer Amplifiers
s
Low Voltage Signal Processing
s
Battery-Powered Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
C-Load is a trademark of Linear Technology Corporation.


Similar Part No. - LT1499CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1499CS LINER-LT1499CS Datasheet
273Kb / 20P
Driving A-to-D Converters
LT1499CSPBF LINER-LT1499CSPBF Datasheet
273Kb / 20P
Driving A-to-D Converters
LT1499CSTR LINER-LT1499CSTR Datasheet
273Kb / 20P
Driving A-to-D Converters
LT1499CSTRPBF LINER-LT1499CSTRPBF Datasheet
273Kb / 20P
Driving A-to-D Converters
More results

Similar Description - LT1499CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1630 LINER-LT1630 Datasheet
356Kb / 16P
30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1632 LINER-LT1632 Datasheet
365Kb / 16P
45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
RH1498 LINER-RH1498 Datasheet
165Kb / 2P
10MHz, 6V/關s Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1498M LINER-RH1498M Datasheet
103Kb / 8P
10MHz, 6V/關s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1499M LINER-RH1499M Datasheet
98Kb / 8P
10MHz, 6V/關s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1498 LINER-RH1498_15 Datasheet
371Kb / 2P
10MHz, 6V/s Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1498M LINER-RH1498M_15 Datasheet
132Kb / 8P
10MHz, 6V/s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1499M LINER-RH1499M_15 Datasheet
151Kb / 8P
10MHz, 6V/s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
LT1498 LINER-LT1498_15 Datasheet
291Kb / 24P
10MHz, 6V/s, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1499 LINER-LT1499_15 Datasheet
291Kb / 24P
10MHz, 6V/s, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com