Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1499CS
Description  10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1499CS Datasheet HTML 8Page - Linear Technology LT1499CS Datasheet HTML 9Page - Linear Technology LT1499CS Datasheet HTML 10Page - Linear Technology LT1499CS Datasheet HTML 11Page - Linear Technology LT1499CS Datasheet HTML 12Page - Linear Technology LT1499CS Datasheet HTML 13Page - Linear Technology LT1499CS Datasheet HTML 14Page - Linear Technology LT1499CS Datasheet HTML 15Page - Linear Technology LT1499CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1498/LT1499
APPLICATIONS INFORMATION
Figure 1. LT1498 Simplified Schematic Diagram
Input Offset Voltage
The offset voltage changes depending upon which input
stage is active. The input offsets are random, but are
trimmed to less than 475
µV. To maintain the precision
characteristics of the amplifier, the change of VOS over the
entire input common mode range (CMRR) is guaranteed
to be less than 425
µV on a single 5V supply.
Input Bias Current
The input bias current polarity also depends on the input
common mode voltage, as described in the previous
section. When the PNP differential pair is active, the input
bias currents flow out of the input pins; they flow in
opposite direction when the NPN input stage is active. The
offset error due to input bias current can be minimized by
equalizing the noninverting and inverting input source
impedances. This will reduce the error since the input
offset currents are much less than the input bias currents.
Overdrive Protection
To prevent the output from reversing polarity when the
input voltage exceeds the power supplies, two pair of
crossing diodes D1 to D4 are employed. When the input
Q4
Q6
VBIAS
D6
D5
+IN
D2
Q3
Q7
Q1
I1
Q9
Q2
D4
D1
D3
–IN
OUT
V –
V +
Q5
Q12
Q10
Q8
Q14
1498/99 F01
C1
R1
R6
R3
V –
CC
R4
R5
C2
R2
Q11
Q13
Q15
BUFFER
AND
OUTPUT BIAS
R7
voltage exceeds either power supply by approximately
700mV, D1/D2 or D3/D4 will turn on, forcing the output to
the proper polarity. For the phase reversal protection to
work properly, the input current must be less than 5mA. If
the amplifier is to be severely overdriven, an external
resistor should be used to limit the overdrive current.
Furthermore, the LT1498/LT1499’s input stages are pro-
tected by a pair of back-to-back diodes, D5/D6. When a
differential voltage of more than 0.7V is applied to the
inputs, these diodes will turn on, preventing the Zener
breakdown of the input transistors. The current in D5/D6
should be limited to less than 10mA. Internal resistors R6
and R7 (700
Ω total) limit the input current for differential
input signals of 7V or less. For larger input levels, a
resistor in series with either or both inputs should be
used to limit the current. Worst-case differential input
voltage usually occurs when the output is shorted to
ground. In addition, the amplifier is protected against
ESD strikes up to 3kV on all pins.
Capacitive Load
The LT1498/LT1499 are designed for ease of use. The
amplifier can drive a capacitive load of more than 10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com