Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1499CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1499CS
Description  10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1499CS Datasheet HTML 5Page - Linear Technology LT1499CS Datasheet HTML 6Page - Linear Technology LT1499CS Datasheet HTML 7Page - Linear Technology LT1499CS Datasheet HTML 8Page - Linear Technology LT1499CS Datasheet HTML 9Page - Linear Technology LT1499CS Datasheet HTML 10Page - Linear Technology LT1499CS Datasheet HTML 11Page - Linear Technology LT1499CS Datasheet HTML 12Page - Linear Technology LT1499CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1498/LT1499
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
1
0
50
100
150
200
23
4
5
1498/99 G10
250
300
TA = 85°C
TA = 25°C
TA = 70°C
NONFUNCTIONAL
TA = –55°C
Noise Voltage Spectrum
FREQUENCY (Hz)
1
80
100
120
140
160
10
100
1000
1498/99 G12
60
40
20
0
180
200
VS = 5V, 0V
VCM = 2.5V
PNP ACTIVE
VCM = 4V
NPN ACTIVE
Noise Current Spectrum
FREQUENCY (Hz)
1
4
5
6
7
8
10
100
1000
1498/99 G13
3
2
1
0
9
10
VS = 5V, 0V
VCM = 2.5V
PNP ACTIVE
VCM = 4V
NPN ACTIVE
CMRR vs Frequency
FREQUENCY (kHz)
40
60
80
70
100
120
30
50
90
110
1
100
1000
10000
1498/99 G15
20
10
VS = ±15V
VS = ±2.5V
Gain and Phase vs Frequency
FREQUENCY (MHz)
–10
10
30
20
50
70
–20
0
40
60
0.01
1
10
100
1498/99 G14
–30
–108
–36
36
0
108
180
–144
–72
72
144
–180
0.1
PHASE
GAIN
RL = 10k
VS = ±1.5V
VS = ±15V
PSRR vs Frequency
FREQUENCY (kHz)
10
30
50
40
70
90
0
20
60
80
1
100
1000
10000
1498/99 G16
–10
10
VS = ±2.5V
POSITIVE SUPPLY
NEGATIVE SUPPLY
Channel Separation vs Frequency
FREQUENCY (kHz)
0.01
–110
–100
–90
–80
–70
0.1
1
10
100
1000
1498/99 G18
–120
–130
–140
–150
–60
–50
VS = ±15V
VOUT = ±1VP-P
RL = 2k
Gain Bandwidth and Phase
Margin vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
0
4
6
8
10
12
14
5
10
15
20
1498/99 G17
25
16
18
20
2
0
20
30
40
50
60
70
80
90
100
10
30
PHASE MARGIN
GAIN BANDWIDTH
0.1Hz to 10Hz
Output Voltage Noise
TIME (1s/DIV)
010
1498/99 G11
VS = ±2.5V
VCM = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com