Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1510IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LT1510IGN
Description  Constant-Voltage/ Constant-Current Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1510IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1510IGN Datasheet HTML 4Page - Linear Technology LT1510IGN Datasheet HTML 5Page - Linear Technology LT1510IGN Datasheet HTML 6Page - Linear Technology LT1510IGN Datasheet HTML 7Page - Linear Technology LT1510IGN Datasheet HTML 8Page - Linear Technology LT1510IGN Datasheet HTML 9Page - Linear Technology LT1510IGN Datasheet HTML 10Page - Linear Technology LT1510IGN Datasheet HTML 11Page - Linear Technology LT1510IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1510/LT1510-5
TEST CIRCUITS
VREF
2.465V
–
+
VA
+
10k
10k
OVP
1510 TC02
IPROG
RPROG
LT1510
PROG
LT1013
0.47
µF
Test Circuit 2
OPERATIO
The LT1510 is a current mode PWM step-down (buck)
switcher. The battery DC charging current is programmed
by a resistor RPROG (or a DAC output current) at the PROG
pin (see Block Diagram). Amplifier CA1 converts the
charging current through RS1 to a much lower current
IPROG (500µA/A) fed into the PROG pin. Amplifier CA2
compares the output of CA1 with the programmed current
and drives the PWM loop to force them to be equal. High
DC accuracy is achieved with averaging capacitor CPROG.
Note that IPROG has both AC and DC components. IPROG
goes through R1 and generates a ramp signal that is fed to
the PWM control comparator C1 through buffer B1 and
level shift resistors R2 and R3, forming the current mode
inner loop. The Boost pin drives the switch NPN QSW into
saturation and reduces power loss. For batteries like
lithium-ion that require both constant-current and con-
stant-voltage charging, the 0.5%, 2.465V reference and
the amplifier VA reduce the charging current when battery
voltage reaches the preset level. For NiMH and NiCd, VA
can be used for overvoltage protection. When input volt-
age is not present, the charger goes into low current (3
µA
typically) sleep mode as input drops down to 0.7V below
battery voltage. To shut down the charger, simply pull the
VC pin low with a transistor.
APPLICATIONS INFORMATION
Application Note 68, the LT1510 design manual, contains
more in depth appications examples.
Input and Output Capacitors
In the chargers in Figures 1 and 2 on the first page of this
data sheet, the input capacitor CIN is assumed to absorb all
input switching ripple current in the converter, so it must
have adequate ripple current rating. Worst-case RMS
ripple current will be equal to one half of output charging
current. Actual capacitance value is not critical. Solid
tantalum capacitors such as the AVX TPS and Sprague
593D series have high ripple current rating in a relatively
small surface mount package, but
caution must be used
when tantalum capacitors are used for input bypass. High
input surge currents can be created when the adapter is
hot-plugged to the charger and solid tantalum capacitors
have a known failure mechanism when subjected to very
high turn-on surge currents. Highest possible voltage
rating on the capacitor will minimize problems. Consult with
the manufacturer before use. Alternatives include new high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com