Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1510IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LT1510IGN
Description  Constant-Voltage/ Constant-Current Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1510IGN Datasheet(HTML) 1 Page - Linear Technology

  LT1510IGN Datasheet HTML 1Page - Linear Technology LT1510IGN Datasheet HTML 2Page - Linear Technology LT1510IGN Datasheet HTML 3Page - Linear Technology LT1510IGN Datasheet HTML 4Page - Linear Technology LT1510IGN Datasheet HTML 5Page - Linear Technology LT1510IGN Datasheet HTML 6Page - Linear Technology LT1510IGN Datasheet HTML 7Page - Linear Technology LT1510IGN Datasheet HTML 8Page - Linear Technology LT1510IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1510/LT1510-5
Constant-Voltage/
Constant-Current Battery Charger
Figure 2. Charging Lithium Batteries (Efficiency at 1.3A > 87%)
* NiCd and NiMH batteries require charge termination circuitry (not shown in Figure 1).
TYPICAL APPLICATIONS
, LTC and LT are registered trademarks of Linear Technology Corporation.
plest, most efficient solution to fast-charge modern re-
chargeable batteries including lithium-ion (Li-Ion), nickel-
metal-hydride (NiMH)* and nickel-cadmium (NiCd)* that
require constant-current and/or constant-voltage charg-
ing. The internal switch is capable of delivering 1.5A DC
current (2A peak current). The 0.1
Ω onboard current
sense resistor makes the charging current programming
very simple. One resistor (or a programming current from
a DAC) is required to set the full charging current (1.5A) to
within 5% accuracy. The LT1510 with 0.5% reference
voltage accuracy meets the critical constant-voltage charg-
ing requirement for lithium cells.
The LT1510 can charge batteries ranging from 2V to 20V.
Ground sensing of current is not required and the battery’s
negative terminal can be tied directly to ground. A saturat-
ing switch running at 200kHz (500kHz for LT1510-5) gives
high charging efficiency and small inductor size. A block-
ing diode is not required between the chip and the battery
because the chip goes into sleep mode and drains only 3
µA
when the wall adaptor is unplugged. Soft start and shutdown
features are also provided. The LT1510 is available in a 16-pin
fused lead power SO package with a thermal resistance of
50
°C/W, an 8-pin SO and a 16-pin PDIP.
FEATURES
s
Charges NiCd, NiMH and Lithium-Ion Batteries ––
Only One 1/10W Resistor Is Needed to Program
Charging Current
s
High Efficiency Current Mode PWM with 1.5A
Internal Switch and Sense Resistor
s
3% Typical Charging Current Accuracy
s
Precision 0.5% Voltage Reference for Voltage
Mode Charging or Overvoltage Protection
s
Current Sensing Can Be at Either Terminal of
the Battery
s
Low Reverse Battery Drain Current: 3
µA
s
Charging Current Soft Start
s
Shutdown Control
s
500kHz Version Uses Small Inductor
With switching frequency as high as 500kHz, The LT
®1510
current mode PWM battery charger is the smallest, sim-
APPLICATIONS
DESCRIPTION
s
Chargers for NiCd, NiMH and Lithium Batteries
s
Step-Down Switching Regulator with Precision
Adjustable Current Limit
Figure 1. 500kHz Smallest Li-Ion Cell Phone Charger (0.8A)
SW
BOOST
GND
SENSE
VCC
PROG
VC
BAT
6.19k
8.2V TO 20V
+
R3
70.6k
0.25%
R4
100k
0.25%
Q3†
2N7002
NOTE: COMPLETE LITHIUM-ION CHARGER, NO TERMINATION REQUIRED
TOKIN OR MARCON CERAMIC SURFACE MOUNT
COILTRONICS TP3-100, 10
µH, 2.2mm HEIGHT (0.8A CHARGING CURRENT)
COILTRONICS TP1 SERIES, 10
µH, 1.8mm HEIGHT (<0.5A CHARGING CURRENT)
PANASONIC EEFCD1B220
OPTIONAL, SEE APPLICATIONS INFORMATION
1510 F01
C1
0.22
µF
CIN*
10
µF
L1**
10
µH
LT1510-5
D1
MBRM120T3
D3
MBRM120T3
D2
MMBD914L
OVP
+
COUT***
22
µF
4.2V
+
+
–
0.1
µF
1k
1
µF
300
Ω
*
**
***
†
SW
BOOST
GND
SENSE
VCC
PROG
VC
BAT
3.83k
11V TO 28V
+
+
R3
240k
0.25%
R4
100k
0.25%
Q3†
VN2222
NOTE: COMPLETE LITHIUM-ION CHARGER, NO TERMINATION REQUIRED
* TOKIN OR MARCON CERAMIC SURFACE MOUNT
** COILTRONICS CTX33-2
† OPTIONAL, SEE APPLICATIONS INFORMATION
1510 F02
C1
0.22
µF
CIN*
10
µF
L1**
33
µH
LT1510
D1
1N5819
D3
1N5819
D2
1N914
OVP
+
COUT
22
µF
TANT
4.2V
4.2V
+
+
–
0.1
µF
1k
1
µF
300
Ω


Similar Part No. - LT1510IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
More results

Similar Description - LT1510IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1512 LINER-LT1512 Datasheet
261Kb / 12P
SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1513 LINER-LT1513 Datasheet
299Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Dimensions Semic...
LT1513-2CT7 LINEAR_DIMENSIONS-LT1513-2CT7 Datasheet
220Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Integrated Syste...
LT1513-2CR LINEAR-LT1513-2CR Datasheet
197Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
Constant Voltage/Constant Current Battery Charger
logo
Linear Technology
LT1513 LINER-LT1513_15 Datasheet
220Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
LT1513-2 LINER-LT1513-2_15 Datasheet
220Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
SEPIC Constant-Current/ Constant-Voltage Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com