Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1510IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LT1510IGN
Description  Constant-Voltage/ Constant-Current Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1510IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1510IGN Datasheet HTML 3Page - Linear Technology LT1510IGN Datasheet HTML 4Page - Linear Technology LT1510IGN Datasheet HTML 5Page - Linear Technology LT1510IGN Datasheet HTML 6Page - Linear Technology LT1510IGN Datasheet HTML 7Page - Linear Technology LT1510IGN Datasheet HTML 8Page - Linear Technology LT1510IGN Datasheet HTML 9Page - Linear Technology LT1510IGN Datasheet HTML 10Page - Linear Technology LT1510IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1510/LT1510-5
BLOCK DIAGRAM
TEST CIRCUITS
Test Circuit 1
VREF
≈ 0.65V
VBAT
VC
2N3055
1k
LT1010
CA2
–
+
–
+
CA1
+
+
3.3k
20k
1k
1k
RS1
IBAT
BAT
SENSE
1510 TC01
PROG
RPROG
0.047
µF
LT1510
0.22
µF
56
µF
60k
LT1006
+
–
+
–
+
VSW
0.7V
1.5V
VBAT
VREF
VC
GND
SLOPE
COMPENSATION
R2
R3
C1
PWM
B1
CA2
–
+
–
+
CA1
VA
+
+
VREF
2.465V
SHUTDOWN
200kHz
OSCILLATOR
S
R
R
R1
1k
RS1
IBAT
IPROG
IPROG
VCC
VCC
BOOST
SW
SENSE
BAT
0VP
1510 BD
PROG
RPROG
CPROG
60k
IPROG
IBAT
= 500
µA/A
QSW
gm = 0.64
CHARGING CURRENT IBAT
= (IPROG)(2000)
= 2.465V
RPROG
(2000)
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com