Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1510IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LT1510IGN
Description  Constant-Voltage/ Constant-Current Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1510IGN Datasheet(HTML) 4 Page - Linear Technology

  LT1510IGN Datasheet HTML 1Page - Linear Technology LT1510IGN Datasheet HTML 2Page - Linear Technology LT1510IGN Datasheet HTML 3Page - Linear Technology LT1510IGN Datasheet HTML 4Page - Linear Technology LT1510IGN Datasheet HTML 5Page - Linear Technology LT1510IGN Datasheet HTML 6Page - Linear Technology LT1510IGN Datasheet HTML 7Page - Linear Technology LT1510IGN Datasheet HTML 8Page - Linear Technology LT1510IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1510/LT1510-5
ELECTRICAL CHARACTERISTICS
VCC = 16V, VBAT = 8V, VMAX (maximum operating VCC) = 28V, no load on any outputs, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Amplifier (CA2)
Transconductance
VC = 1V, IVC = ±1µA
150
250
550
µmho
Maximum VC for Switch OFF
q
0.6
V
IVC Current (Out of Pin)
VC ≥ 0.6V
100
µA
VC < 0.45V
3
mA
Voltage Amplifier (VA), 16-Pin Only
Transconductance (Note 2)
Output Current from 100
µA to 500µA
0.5
1.2
2.5
mho
Output Source Current, VCC = 10V
VPROG = VOVP = VREF + 10mV
1.3
mA
OVP Input Bias Current
At 0.75mA VA Output Current
q
50
150
nA
The q denotes specifications which apply over the specified
temperature range.
Note 1: Tested with Test Circuit 1.
Note 2: Tested with Test Circuit 2.
Note 3: Sense resistor RS1 and package bond wires.
Note 4: Applies to 16-pin only. 8-pin packages are guaranteed but not
tested at – 40
°C.
Note 5: Current (
≈ 700µA) flows into the pins during normal operation and
also when an external shutdown signal on the VC pin is greater than 0.3V.
Current decreases to
≈ 200µA and flows out of the pins when external
shutdown holds the VC pin below 0.3V. Current drops to near zero when
input voltage collapses. See external Shutdown in Applications Information
section.
Note 6: A linear interpolation can be used for reference voltage
specification between 0
°C and –40°C.
Note 7: Commercial grade device specifications are guaranteed over the
0
°C to 70°C temperature range. In addition, commercial grade device
specifications are assured over the –40
°C to 85°C temperature range by
design or correlation, but are not production tested.
Maximum allowable ambient temperature may be limited by power
dissipation. Parts may not necessarily be operated simultaneously at
maximum power dissipation and maximum ambient temperature.
Temperature rise calculations must be done as shown in the Applications
Information section to ensure that maximum junction temperature does
not exceed the 125
°C limit. With high power dissipation, maximum
ambient temperature may be less than 70
°C.
Note 8: Industrial grade device specifications are guaranteed over the
–40
°C to 85°C temperature range.
Note 9: 91% maximum duty cycle is guaranteed by design if VBAT or VX
(see Figure 8 in Application Information) is kept between 3V and 5V.
Note 10: VBAT = 4.2V.
Thermally Limited Maximum
Charging Current, 8-Pin SO
INPUT VOLTAGE (V)
0
1.3
1.1
0.9
0.7
0.5
0.3
20
1510 G12
5
10
15
25
16V BATTERY
12V BATTERY
8V BATTERY
4V BATTERY
(
θJA=125°C/W)
TAMAX=60°C
TJMAX=125°C
Thermally Limited Maximum
Charging Current, 16-Pin SO
INPUT VOLTAGE (V)
0
1.5
1.3
1.1
0.9
0.7
0.5
20
1510 G13
5
10
15
25
(
θJA=50°C/W)
TAMAX=60°C
TJMAX=125°C
16V BATTERY
12V BATTERY
8V BATTERY
4V BATTERY
Thermally Limited Maximum
Charging Current, 16-Pin GN
INPUT VOLTAGE (V)
0
1.5
1.3
1.1
0.9
0.7
0.5
20
LT1510 • TPC14
5
10
15
25
θJA = 80°C/W
TAMAX = 60°C
TJMAX = 125°C
4V BATTERY
8V BATTERY
12V BATTERY
16V BATTERY
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com