Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1510IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LT1510IGN
Description  Constant-Voltage/ Constant-Current Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1510IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1510IGN Datasheet HTML 2Page - Linear Technology LT1510IGN Datasheet HTML 3Page - Linear Technology LT1510IGN Datasheet HTML 4Page - Linear Technology LT1510IGN Datasheet HTML 5Page - Linear Technology LT1510IGN Datasheet HTML 6Page - Linear Technology LT1510IGN Datasheet HTML 7Page - Linear Technology LT1510IGN Datasheet HTML 8Page - Linear Technology LT1510IGN Datasheet HTML 9Page - Linear Technology LT1510IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1510/LT1510-5
TYPICAL PERFORMANCE CHARACTERISTICS
SWITCH CURRENT (A)
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4
1.8 2.0
1.6
50
45
40
35
30
25
20
15
10
5
0
1510 G07
VCC = 16V
VBOOST = 38V
28V
18V
Switch Current vs Boost Current
vs Boost Voltage
TEMPERATURE (
°C)
0
2.470
2.468
2.466
2.464
2.462
2.460
2.458
25
50
75
100
1510 G14
125
150
Reference Voltage vs
Temperature
VBOOST (V)
4
26
8
16 18
20
96
95
94
93
92
91
90
89
88
87
86
LT1510 • TPC15
10 12 14
22
VBOOST vs
Maximum Duty Cycle
PIN FUNCTIONS
GND: Ground Pin.
SW: Switch Output. The Schottky catch diode must be
placed with very short lead length in close proximity to SW
pin and GND.
VCC: Supply for the Chip. For good bypass, a low ESR
capacitor of 10
µForhigherisrequired,withtheleadlength
kept to a minimum. VCC should be between 8V and 28V
and at least 2V higher than VBAT for VBAT less than 10V, and
2.5V higher than VBAT for VBAT greater than 10V. Under-
voltage lockout starts and switching stops when VCC goes
below 7V. Note that there is a parasitic diode inside from
SW pin to VCC pin. Do not force VCC below SW by more
than 0.7V with battery present. All VCC pins should be
shorted together close to the pins.
BOOST: This pin is used to bootstrap and drive the switch
power NPN transistor to a low on-voltage for low power
dissipation. In normal operation, VBOOST = VCC + VBAT
when switch is on. Maximum allowable VBOOST is 55V.
SENSE: Current Amplifier CA1 Input. Sensing can be at
either terminal of the battery. Note that current sense
resistor RS1 (0.08Ω) is between Sense and BAT pins.
BAT: Current Amplifier CA1 Input.
PROG: This pin is for programming the charging current
and for system loop compensation. During normal opera-
tion, VPROG stays close to 2.465V. If it is shorted to GND
the switching will stop. When a microprocessor-controlled
DAC is used to program charging current, it must be
capable of sinking current at a compliance up to 2.465V.
VC: This is the control signal of the inner loop of the current
mode PWM. Switching starts at 0.7V and higher VC
corresponds to higher charging current in normal opera-
tion. A capacitor of at least 0.1
µF to GND filters out noise
and controls the rate of soft start. To shut down switching,
pull this pin low. Typical output current is 30
µA.
OVP: This is the input to the amplifier VA with a threshold
of 2.465V. Typical input current is about 50nA into pin. For
charging lithium-ion batteries, VA monitors the battery
voltage and reduces charging current when battery volt-
age reaches the preset value. If it is not used, the OVP pin
should be grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com