Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1510IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LT1510IGN
Description  Constant-Voltage/ Constant-Current Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1510IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1510IGN Datasheet HTML 8Page - Linear Technology LT1510IGN Datasheet HTML 9Page - Linear Technology LT1510IGN Datasheet HTML 10Page - Linear Technology LT1510IGN Datasheet HTML 11Page - Linear Technology LT1510IGN Datasheet HTML 12Page - Linear Technology LT1510IGN Datasheet HTML 13Page - Linear Technology LT1510IGN Datasheet HTML 14Page - Linear Technology LT1510IGN Datasheet HTML 15Page - Linear Technology LT1510IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1510/LT1510-5
APPLICATIONS INFORMATION
BOARD AREA (IN
2)
0
90
80
70
60
50
40
30
20
15
25
1510 F09
510
20
30
35
ICHRG = 1.3A
VIN = 16V
VBAT = 8.4V
VBOOST = VBAT
TA = 25°C
NOTE: PEAK DIE TEMPERATURE WILL BE
ABOUT 10
°C HIGHER THAN LEAD TEMPER-
ATURE AT 1.3A CHARGING CURRENT
2-LAYER BOARD
4-LAYER BOARD
event of an input short. The body diode of Q2 creates the
necessary pumping action to keep the gate of Q1 low
during normal operation (see Figure 11).
Figure 12. High Speed Switching Path
1510 F12
VBAT
L1
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
BAT
SWITCH NODE
CIN
COUT
Figure 10. LT1510 Lead temperature
low thermal resistance system and to act as a ground
plane for reduced EMI.
Higher Duty Cycle for the LT1510 Battery Charger
Maximum duty cycle for the LT1510 is typically 90% but
this may be too low for some applications. For example, if
an 18V
±3% adapter is used to charge ten NiMH cells, the
charger must put out 15V maximum. A total of 1.6V is lost
in the input diode, switch resistance, inductor resistance
and parasitics so the required duty cycle is 15/16.4 =
91.4%. As it turns out, duty cycle can be extended to 93%
by restricting boost voltage to 5V instead of using VBAT as
is normally done. This lower boost voltage VX (see Figure
8) also reduces power dissipation in the LT1510, so it is a
win-win decision.
Even Lower Dropout
For even lower dropout and/or reducing heat on the board,
the input diode D3 (Figures 2 and 6) should be replaced
with a FET. It is pretty straightforward to connect a
P-channel FET across the input diode and connect its gate
to the battery so that the FET commutates off when the
input goes low. The problem is that the gate must be
pumped low so that the FET is fully turned on even when
the input is only a volt or two above the battery voltage.
Also there is a turn off speed issue. The FET should turn off
instantly when the input is dead shorted to avoid large
current surges form the battery back through the charger
into the FET. Gate capacitance slows turn off, so a small
P-FET (Q2) discharges the gate capacitance quickly in the
Figure 11. Replacing the Input Diode
VX
3V TO 6V
HIGH DUTY CYCLE
CONNECTION
VIN
1510 F10
C3
L1
D2
D1
Q2
Q1
RX
50k
Q1: Si4435DY
Q2: TP0610L
CX
10
µF
VBAT
BOOST
SW
SENSE
VCC
LT1510
BAT
+
+
Layout Considerations
Switch rise and fall times are under 10ns for maximum
efficiency. To prevent radiation, the catch diode, SW pin
and input bypass capacitor leads should be kept as short
as possible. A ground plane should be used under the
switching circuitry to prevent interplane coupling and to
act as a thermal spreading path. All ground pins should be
connected to expand traces for low thermal resistance.
The fast-switching high current ground path including the
switch, catch diode and input capacitor should be kept
very short. Catch diode and input capacitor should be
close to the chip and terminated to the same point. This
path contains nanosecond rise and fall times with several
amps of current. The other paths contain only DC and /or
200kHz triwave and are less critical. Figure 13 shows
critical path layout. Figure 12 indicates the high speed,
high current switching path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com