Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1510IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LT1510IGN
Description  Constant-Voltage/ Constant-Current Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1510IGN Datasheet(HTML) 5 Page - Linear Technology

  LT1510IGN Datasheet HTML 1Page - Linear Technology LT1510IGN Datasheet HTML 2Page - Linear Technology LT1510IGN Datasheet HTML 3Page - Linear Technology LT1510IGN Datasheet HTML 4Page - Linear Technology LT1510IGN Datasheet HTML 5Page - Linear Technology LT1510IGN Datasheet HTML 6Page - Linear Technology LT1510IGN Datasheet HTML 7Page - Linear Technology LT1510IGN Datasheet HTML 8Page - Linear Technology LT1510IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1510/LT1510-5
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency vs
Temperature
DUTY CYCLE (%)
0
1030
5070
80
1510 G04
20
40
60
8
7
6
5
4
3
2
1
0
125
°C
0
°C
25
°C
VCC = 16V
ICC vs Duty Cycle
TEMPERATURE (
°C)
–20
20
0
40
80
120
60
100
140
1510 G05
210
205
200
195
190
185
180
IBAT (A)
0.1
100
98
96
94
92
90
88
86
84
82
80
0.5
0.9
1.5
1.3
1.1
1510 G01
0.3
0.7
VCC = 15V (EXCLUDING DISSIPATION
ON INPUT DIODE D3)
VBAT = 8.4V
Efficiency of Figure 2 Circuit
ICC vs VCC
VCC (V)
0
7.0
6.5
6.0
5.5
5.0
4.5
5
10
15
20
1510 G03
25
30
125
°C
25
°C
0
°C
MAXIMUM DUTY CYCLE
IVA (mA)
0
4
3
2
1
0
0.8
1510 G08
0.2
0.1
0.3
0.5
0.7
0.9
0.4
0.6
1.0
125
°C
25
°C
IVA vs ∆VOVP (Voltage Amplifier)
VCC (V)
0
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
5
10
15
20
1510 G02
25
30
ALL TEMPERATURES
VREF Line Regulation
TEMPERATURE (
°C)
0
120
1510 G09
40
80
98
97
96
95
94
93
92
91
90
20
60
100
140
Maximum Duty Cycle
VPROG (V)
01
2
3
5
4
6
0
–6
1510 G11
125
°C
25
°C
PROG Pin Characteristic
VC (V)
0
0.2
0.6
1.0
1.4
1.8
–1.20
–1.08
–0.96
–0.84
–0.72
–0.60
–0.48
–0.36
–0.24
–0.12
0
0.12
1.6
1510 G10
0.4
0.8
1.2
2.0
VC Pin Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com