Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1510IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LT1510IGN
Description  Constant-Voltage/ Constant-Current Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1510IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1510IGN Datasheet HTML 8Page - Linear Technology LT1510IGN Datasheet HTML 9Page - Linear Technology LT1510IGN Datasheet HTML 10Page - Linear Technology LT1510IGN Datasheet HTML 11Page - Linear Technology LT1510IGN Datasheet HTML 12Page - Linear Technology LT1510IGN Datasheet HTML 13Page - Linear Technology LT1510IGN Datasheet HTML 14Page - Linear Technology LT1510IGN Datasheet HTML 15Page - Linear Technology LT1510IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1510/LT1510-5
APPLICATIONS INFORMATION
Figure 7. Current Comparator for Initiating Float Time-Out
0.18
Ω
GND
NEGATIVE EDGE
TO TIMER
INTERNAL
SENSE
RESISTOR
1510 F06
3.3V OR 5V
ADAPTER
OUTPUT
3
8
7
1
4
2
LT1510
D1
1N4148
C1
0.1
µF
BAT
SENSE
R1*
1.6k
R4
470k
R3
430k
R2
560k
LT1011
D2
1N4148
* TRIP CURRENT =
R1(VBAT)
(R2 + R3)(0.18
Ω)
+
–
voltage decrease is detected as an indication of near full
charge. The charging current is then reduced to a much
lower value and maintained as a constant trickle charge.
An intermediate “top off” current may be used for a fixed
time period to reduce 100% charge time.
NiMH batteries are similar in chemistry to NiCd but have
two differences related to charging. First, the inflection
characteristic in battery voltage as full charge is ap-
proached is not nearly as pronounced. This makes it more
difficult to use dV/dt as an indicator of full charge, and
change of temperature is more often used with a tempera-
ture sensor in the battery pack. Secondly, constant trickle
charge may not be recommended. Instead, a moderate
level of current is used on a pulse basis (
≈ 1% to 5% duty
cycle) with the time-averaged value substituting for a
constant low trickle.
Thermal Calculations
If the LT1510 is used for charging currents above 0.4A, a
thermal calculation should be done to ensure that junction
temperature will not exceed 125
°C. Power dissipation in
the IC is caused by bias and driver current, switch resis-
tance, switch transition losses and the current sense
resistor. The following equations show that maximum
practical charging current for the 8-pin SO package
(125
° C/W thermal resistance) is about 0.8A for an 8.4V
battery and 1.1A for a 4.2V battery. This assumes a 60
°C
maximum ambient temperature. The 16-pin SO, with a
thermal resistance of 50
°C/W, can provide a full 1.5A
charging current in many situations. The 16-pin PDIP falls
between these extremes. Graphs are shown in the Typical
Performance Characteristics section.
P
mA V
mA V
V
V
mA
I
P
IV
V
V
P
IR
V
V
tV
I
f
P
BIAS
IN
BAT
BAT
IN
BAT
DRIVER
BAT
BAT
BAT
IN
SW
BAT
SW
BAT
IN
OL
IN
BAT
SENSE
=
()( )+
()
+ ()
+
()( )
[]
=
()( ) +


()
= () (
)( )
+
()( )( )( )
=
35
15
75
0012
1
30
55
0
2
2
2
..
..
..18
2
Ω
()( )
IBAT
RSW = Switch ON resistance ≈ 0.35Ω
tOL = Effective switch overlap time ≈ 10ns
f = 200kHz (500kHz for LT1510-5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com