Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1675 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1675
Description  250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1675 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1675 Datasheet HTML 6Page - Linear Technology LT1675 Datasheet HTML 7Page - Linear Technology LT1675 Datasheet HTML 8Page - Linear Technology LT1675 Datasheet HTML 9Page - Linear Technology LT1675 Datasheet HTML 10Page - Linear Technology LT1675 Datasheet HTML 11Page - Linear Technology LT1675 Datasheet HTML 12Page - Linear Technology LT1675 Datasheet HTML 13Page - Linear Technology LT1675 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1675/LT1675-1
APPLICATIONS INFORMATION
Switching Transients
This MUX includes fast current steering break-before-
make SPDT switches that minimize switching glitches.
The switching transients of Figure 3 are input-referred
(measured between 75
Ω back termination and the 75Ω
load). The glitch is only 50mVP-P and the duration is just
5ns. This transient is small and fast enough to not be
visible on quality graphics terminals. Additionally, the
break-before-make SPDT switch is open before the alter-
nate channel is connected. This means there is no input
feedthrough during switching. Figure 4 shows the amount
of alternate channel that is coupled at the input.
Expanding Inputs
In video routing applications where the ultimate speed is
not mandatory, as it is in pixel switching, it is possible to
expand the number of MUX inputs by shorting the
LT1675 outputs together and switching with the
ENABLE pins. The internal gain set resistors have a nomi-
nal value of 750
Ω and cause a 1500Ω shunt across the
75
Ω cable termination. Figure 5 shows schematically the
effect of expanding the number of inputs. The effect of this
loading is to cause a gain error that can be calculated by
the following formula:
Gain
n
n
dB
Error (dB) = 6dB + 20log
–1
75 +
1575
–1
75
1575
75
Ω
Ω
Ω
Ω
where n is total number of LT1675s. For example, using
ten LT1675s (20 Red, 20 Green and 20 Blue) the Gain Error
is only – 1.7dB per channel.
Figure 6 shows a 4-input RGB router. The response from
RED 1 Input to Red Output is shown in Figure 7 for a
25MHz square wave with Chip Select = 0V. In this case the
Gain Error is – 0.23dB. Toggling with Chip Select between
IC #1 and IC #2 is shown in Figure 8. In this case RED 1
Input is connected to 0V and RED 3 Input is connected to
an uncorrelated sinewave.
0V
3V
1V/DIV
0V
SELECT
PIN 10
50mV/DIV
RED OUT
PIN 15
RL = 150Ω, 10pF SCOPE PROBE
1675 F03
Figure 3. Input-Referred Switching Transient
RS = 75Ω
1675 F04
3V
0V
0V
1V/DIV
20mV/DIV
RED 1 IN
PIN 1
SELECT
PIN 10
Figure 4. Switching Transient at RED 1 (Pin 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com