Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1675 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1675
Description  250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1675 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1675 Datasheet HTML 3Page - Linear Technology LT1675 Datasheet HTML 4Page - Linear Technology LT1675 Datasheet HTML 5Page - Linear Technology LT1675 Datasheet HTML 6Page - Linear Technology LT1675 Datasheet HTML 7Page - Linear Technology LT1675 Datasheet HTML 8Page - Linear Technology LT1675 Datasheet HTML 9Page - Linear Technology LT1675 Datasheet HTML 10Page - Linear Technology LT1675 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1675/LT1675-1
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
–10
–11
–12
–13
25
75
1675 G17
–25
0
50
100
125
VS = ±5V
VIN = 0V
Input Bias Current vs
Temperature
Output Offset Voltage vs
Temperature
TEMPERATURE (
°C)
20
15
10
5
0
1675 G18
VS = ±5V
–50
25
75
–25
0
50
100
125
0V
VOUT
VGEN
RL = 100Ω
MEASURED WITH FET PROBES
1675 G21
50mV/DIV
50mV/DIV
Small-Signal Rise Time
5V
0V
0V
ENABLE
PIN 9
RED OUT
PIN 15
ENABLE AND DISABLE OF UNCORRELATED
SINEWAVE
RL = 150Ω
1675 G22
2V/DIV
2V/DIV
3V
RED 1 = 0V
RED 2 = UNCORRELATED SINEWAVE
RL = 150Ω, 10pF SCOPE PROBE
1675 G19
1V/DIV
1V/DIV
RED 1 IN
RED OUT
PIN 15
MEASURED AT PIN 15
RL = 150Ω, 10pF SCOPE PROBE
SR = 1100V/
µs
1675 G20
1V/DIV
2V/DIV
0V
SELECT
PIN 10
RED OUT
PIN 15
Toggling RED 2 to RED 1
Slew Rate
Enable and Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com