Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1675 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1675
Description  250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1675 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1675 Datasheet HTML 8Page - Linear Technology LT1675 Datasheet HTML 9Page - Linear Technology LT1675 Datasheet HTML 10Page - Linear Technology LT1675 Datasheet HTML 11Page - Linear Technology LT1675 Datasheet HTML 12Page - Linear Technology LT1675 Datasheet HTML 13Page - Linear Technology LT1675 Datasheet HTML 14Page - Linear Technology LT1675 Datasheet HTML 15Page - Linear Technology LT1675 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1675/LT1675-1
16751fs, sn16751 LT/TP 0199 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1203/LT1205
150MHz Video MUX
2-Input and 4-Input, 90dB Channel Separation, Wide Supply Range
LT1204
4-Input Video MUX with 75MHz Current Feedback Amp
Drives Cables, Adjustable Gain, 90dB Channel Separation
LT1260
Low Cost Dual and Triple 130MHz Current Feedback Amp
Drives Cables, Wide Supply Range, 0
µA Shutdown Current
with Shutdown
LT1398/LT1399
Low Cost Dual and Triple 300MHz Current Feedback Amp
Performance Upgrade for the LT1259/LT1260
with Shutdown
NTSC-Related Color Bar Generator
QA
QB
QC
CLK
CLR
LOAD
ENP
5V
ENT
A
5V
CLOCK IS
SUBCARRIER
× 4
DIVIDED BY 91
OR 157.343kHz
B
C
D
75
Ω
75
Ω
75
Ω
75
Ω
CABLE
CABLE
CABLE
V+
V–
SELECT
1675 TA04
ENABLE
COMPOSITE
SYNC
COMPOSITE
BLANKING
1k
1k
1k
VOUT BLUE
75
Ω
LT1675
75
Ω
VOUT RED
VOUT GREEN
+1
+1
+2
+2
+2
+1
+1
+1
+1
6.04k
6.04k
R
6.04k
B
G
640
Ω
10k
–5V
–0.285V
74ACT04
74LS163
0
B
0.714V
0
R
0.714V
0
G
0.714V
An RGB color bar test pattern is easily generated by
dividing down a suitable clock. To form a stable pattern,
the clock must be synchronous with the horizontal scan
rate. Four times subcarrier, or 14.318MHz, is a readily
available frequency, which when divided by 91, gives
157.343KHz. Dividing this signal by two, four and eight,
gives the blue, read and green signals, respectively. This
timing gives eight bars including white and black that fill
the 52.6
µs active video time. The digital signals are run
through a 74ACT04 inverter because the CMOS output
swings rail-to-rail. The inverter output is scaled to make
video (0.714V peak, for NTSC-related RGB). The LT1675
drives the cable and adds sync to the RGB signals by
switching in –0.286V. If no sync is required, this voltage
can be set to zero and composite blanking can be used to
drive the select pin of the LT1675 in order to provide a
more precise blanking level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com