Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1675 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1675
Description  250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1675 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1675 Datasheet HTML 7Page - Linear Technology LT1675 Datasheet HTML 8Page - Linear Technology LT1675 Datasheet HTML 9Page - Linear Technology LT1675 Datasheet HTML 10Page - Linear Technology LT1675 Datasheet HTML 11Page - Linear Technology LT1675 Datasheet HTML 12Page - Linear Technology LT1675 Datasheet HTML 13Page - Linear Technology LT1675 Datasheet HTML 14Page - Linear Technology LT1675 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1675/LT1675-1
APPLICATIONS INFORMATION
CABLE
75
Ω
R2
75
Ω
1675 F05
750
Ω
75
Ω
750
Ω
OFF
750
Ω
75
Ω
750
Ω
OFF
750
Ω
R1
75
Ω
75
Ω
750
Ω
ON
n.
..
⇒
1575
n – 1
n = NUMBER OF LT1675s
IN PARALLEL
Figure 5. Off Channels Load the Cable Termination
with 1575
Ω Each
0V
500mV/DIV
0V
1V
1V
RED 1
INPUT
500mV/DIV
RED
OUTPUT
CHIP SELECT = 0V, IC #2 DISABLED
1675 F07
Figure 7. 4-Input Router Response
Figure 6. Two LT1675s Build a 4-Input RGB Router
R1
R2
R3
R4
CHIP
SELECT
1675 F06
ENABLE
LT1675 #1
75
Ω
AV = 2
LT1675 #2
74HC04
ENABLE
75
Ω
RED
OUT
AV = +2
75
Ω
5V
0V
0V
RED
OUTPUT
CHIP
SELECT
5V/DIV
1V/DIV
RED 1 INPUT = 0V
1675 F08
RED 3 INPUT = UNCORRELATED SINEWAVE
Figure 8. 4-Input Router Toggling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com