Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1675 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1675
Description  250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1675 Datasheet(HTML) 1 Page - Linear Technology

  LT1675 Datasheet HTML 1Page - Linear Technology LT1675 Datasheet HTML 2Page - Linear Technology LT1675 Datasheet HTML 3Page - Linear Technology LT1675 Datasheet HTML 4Page - Linear Technology LT1675 Datasheet HTML 5Page - Linear Technology LT1675 Datasheet HTML 6Page - Linear Technology LT1675 Datasheet HTML 7Page - Linear Technology LT1675 Datasheet HTML 8Page - Linear Technology LT1675 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1675/LT1675-1
250MHz, Triple and Single
RGB Multiplexer with Current Feedback Amplifiers
RED 1
GREEN 1
BLUE 1
RED 2
GREEN 2
BLUE 2
75
Ω
75
Ω
75
Ω
75
Ω
CABLE
CABLE
CABLE
V+
V–
SELECT RGB1/RGB2
1675 TA01
ENABLE
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
VOUT RED
75
Ω
LT1675
75
Ω
VOUT GREEN
VOUT BLUE
+1
+1
+2
+2
+2
+1
+1
+1
+1
TYPICAL APPLICATION
High Speed RGB MUX
FEATURES
s
RGB Switching
s
Workstation Graphics
s
Pixel Switching
s
Coaxial Cable Drivers
s
High Speed Signal Processing
APPLICATIONS
The LT
®1675 is a high speed RGB multiplexer designed for
pixel switching and fast workstation graphics.
Included on chip are three SPDT switches and three
current feedback amplifiers. The current feedback ampli-
fiers drive double-terminated 50
Ω or 75Ω cables and are
DESCRIPTION
s
100MHz Pixel Switching
s
– 3dB Bandwidth: 250MHz
s
Small 16-Pin SSOP Package
s
Channel Switching Time: 2.5ns
s
Expandable to Larger Arrays
s
Drives Cables Directly
s
High Slew Rate: 1100V/
µs
s
Low Switching Transient: 50mV
s
Shutdown Supply Current: 0mA
s
Output Short-Circuit Protected
configured for a fixed gain of 2, eliminating six external
gain setting resistors. The SPDT switches are designed to
be break-before-make to minimize unwanted signals cou-
pling to the input.
The LT1675-1 is a single version with two inputs, a single
output and is ideal for a single channel application such as
video sync.
The key to the LT1675 fast switching speed is Linear
Technology’s proprietary high speed bipolar process. This
MUX can toggle between sources in excess of 100MHz,
has a slew rate over 1000V/
µs and has a –3dB bandwidth
of 250MHz. The speed and ease of use of the LT1675 make
it ideal for high performance PCs, workstations and pro-
fessional video monitors. The input-referred switching
transient is only 50mVP-P and lasts just 5ns, making it
virtually undetectable. Power supply requirements are
±4V to ±6V and power dissipation is only 300mW on±5V,
or 100mW for the LT1675-1. The expandable feature uses
the disable pin to reduce the power dissipation to near
0mW in the off parts.
Unlike competitive solutions that are in bulky high pin
count packages, the LT1675 is in a 16-lead narrow body
SSOP. This small footprint, the size of an SO-8, results in
a very clean high performance solution. The LT1675-1 is
available in the tiny MSOP and the SO-8.
RED 1 = 0V, RED 2 = 1V, RL = 100Ω
MEASURED BETWEEN 50
Ω BACK TERMINATION AND 50Ω LOAD
500mV/DIV
1V/DIV
1675 TA02
0V
RED
OUT
1V
0V
SELECT
LOGIC
PIN 10
3V
Select Pin Switches Inputs at 100MHz
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1675

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
356Kb / 16P
650MHz Gain of 2 Triple 2 1Video Multiplexer
LT1675 LINER-LT1675 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
More results

Similar Description - LT1675

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
250MHz/3mA Current Mode Feedback Amplifiers
November 14,2002
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Linear Technology
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com