Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1675 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1675
Description  250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1675 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1675 Datasheet HTML 8Page - Linear Technology LT1675 Datasheet HTML 9Page - Linear Technology LT1675 Datasheet HTML 10Page - Linear Technology LT1675 Datasheet HTML 11Page - Linear Technology LT1675 Datasheet HTML 12Page - Linear Technology LT1675 Datasheet HTML 13Page - Linear Technology LT1675 Datasheet HTML 14Page - Linear Technology LT1675 Datasheet HTML 15Page - Linear Technology LT1675 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1675/LT1675-1
TYPICAL APPLICATIO S
Logo or “Bug” Inserter
RED
VIDEO IN
GREEN
BLUE
113
Ω
75
Ω
75
Ω
75
Ω
CABLE
CABLE
CABLE
V+
V–
SELECT
SELECT A
SELECT B
1675 TA05
ENABLE
75
Ω
75
Ω
75
Ω
VOUT RED
113
Ω
LT1675
113
Ω
VOUT GREEN
VOUT BLUE
+1
+1
+2
+2
+2
+1
+1
+1
+1
226
Ω
V+
V–
SELECT
ENABLE
226
Ω
LT1675
B
A
226
Ω
+1
+1
+2
+2
+2
+1
+1
+1
+1
10k
10k
LT1634
5V
0.714V
1.25V
SELECT A
0
0
1
1
SELECT B
0
1
0
1
OUTPUT
NO VIDEO, 100% WHITE
VIDEO PLUS 66% WHITE
VIDEO PLUS 33% WHITE
VIDEO, NO WHITE
set the relative bit weights. The output of the LT1675
labeled B in the schematic is one half the weight of the A
device. To properly match the 75
Ω video cable, the output
resistors are selected so the parallel combination of the
two is 75 ohms. The output will never exceed peak white,
which is 0.714V for this NTSC-related RGB video. The
reference white signal is adjustable to lower than peak
white to make the effect less intrusive, if desired.
This circuit highlights a section of the picture under
control of a synchronous key signal. It can be used for
adding the logo (also called a “bug”) you see in the bottom
corner of commercial television pictures or any sort of
overlay signal, such as a crosshair or a reticule. The key
signal has 2 bits of control so there can be four levels of
highlighting: unmodified video, video plus 33% white,
video plus 66% white and 100% white. The two LT1675s
are configured as a 2-bit DAC. The resistors on the outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com