Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1675 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1675
Description  250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1675 Datasheet(HTML) 5 Page - Linear Technology

  LT1675 Datasheet HTML 1Page - Linear Technology LT1675 Datasheet HTML 2Page - Linear Technology LT1675 Datasheet HTML 3Page - Linear Technology LT1675 Datasheet HTML 4Page - Linear Technology LT1675 Datasheet HTML 5Page - Linear Technology LT1675 Datasheet HTML 6Page - Linear Technology LT1675 Datasheet HTML 7Page - Linear Technology LT1675 Datasheet HTML 8Page - Linear Technology LT1675 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1675/LT1675-1
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
6.5
6.4
6.3
6.2
6.1
6.0
5.9
5.8
5.7
5.6
5.5
10k
1M
10M
100M
1675 G03
100k
RL = 100Ω
R G
B
Gain vs Frequency
FREQUENCY (Hz)
6
5
4
3
2
1
0
–1
–2
–3
–4
100k
10M
100M
1G
1675 G02
1M
CL = 5pF
CL = 3pF
CL = 10pF
RL = 150Ω
CL = 0pF
Frequency Response with
Capacitive Loads
FREQUENCY (Hz)
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
100k
10M
100M
1G
1675 G23
1M
RS = 75Ω
RL = 150Ω
G1 DRIVEN
R1 SELECTED
Crosstalk Rejection vs Frequency
Crosstalk Rejection vs Frequency
(Disabled)
– 3dB Bandwidth vs
Supply Voltage
SUPPLY VOLTAGE (
±V)
2
300
280
260
240
220
200
180
160
140
120
100
3
4
1675 G04
5
6
RL = 150Ω
FREQUENCY (Hz)
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
100k
10M
100M
1G
1675 G01
1M
PHASE
GAIN
CL = 0pF
RL = 150Ω
Gain and Phase vs
Frequency
FREQUENCY (Hz)
1M
8
7
6
5
4
3
2
10M
100M
1G
1675 G08
VS = ±5V
RL = 150Ω
Undistorted Output Swing
vs Frequency
FREQUENCY (Hz)
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
100k
10M
100M
1G
1675 G05
1M
RS = 75Ω
RL = 150Ω
R1 DRIVEN
R2 SELECTED
Crosstalk Rejection vs Frequency
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
100k
10M
100M
1G
1675 G06
1M
RS = 75Ω
RL = 150Ω
FREQUENCY (Hz)
70
60
50
40
30
20
10
0
–10
–20
–30
100k
10M
100M
1G
1675 G07
1M
–PSRR
+PSRR
VS = ±5V
TA = 25°C
RL = 150Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com