Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1675 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1675
Description  250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1675 Datasheet(HTML) 4 Page - Linear Technology

  LT1675 Datasheet HTML 1Page - Linear Technology LT1675 Datasheet HTML 2Page - Linear Technology LT1675 Datasheet HTML 3Page - Linear Technology LT1675 Datasheet HTML 4Page - Linear Technology LT1675 Datasheet HTML 5Page - Linear Technology LT1675 Datasheet HTML 6Page - Linear Technology LT1675 Datasheet HTML 7Page - Linear Technology LT1675 Datasheet HTML 8Page - Linear Technology LT1675 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1675/LT1675-1
AC CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Slew Rate
VOUT = 5VP-P
1100
V/
µs
Full Power Bandwidth (Note 5)
VOUT =6VP-P
58
MHz
Small-Signal –3dB Bandwidth
Less Than 1dB Peaking
250
MHz
Gain Flatness
Less Than 0.1dB
70
MHz
Gain Matching
R to G to B
0.10
dB
R1 to R2, G1 to G2, B1 to B2, LT1675-1 VIN1 to VIN2
0.01
dB
Channel-to-Channel Select Time
R1 = 0V, R2 = 1V
Delay Time
Measured from Time SELECT Pin Crosses Logic Threshold
5.0
ns
Switching Time
Time for VOUT to Go from 0V to 1V
2.5
ns
Enable Time
10
ns
Disable Time
100
ns
Input Pin Capacitance
2pF
SELECT Pin Capacitance
LT1675
2.2
pF
LT1675-1
1.5
pF
ENABLE Pin Capacitance
LT1675
2.1
pF
LT1675-1
1.5
pF
Output Pin Capacitance (Disabled)
ENABLE Open
4.4
pF
Small-Signal Rise Time
VIN = 300mVP-P, RL = 100Ω
1.85
ns
Propagation Delay
VIN = 300mVP-P, RL = 100Ω
3ns
Overshoot
VIN = 300mVP-P, RL = 100Ω
10
%
On-Channel to Off-Channel Crosstalk
Measured at 10MHz
60
dB
Chip Disable Crosstalk
Measured at 10MHz, ENABLE Open
90
dB
Channel Select Output Transient
Measured Between Back Termination and Load
50
mVP-P
Differential Gain (Note 6)
0.07
%
Differential Phase (Note 6)
0.05
DEG
Note 4: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LT1675CGN: TJ = TA + (PD)(120°C/W)
LT1675CMS8-1: TJ = TA + (PD)(250°C/W)
LT1675CS8-1: TJ = TA + (PD)(150°C/W)
Note 5: Full power bandwidth is calculated from the slew rate
measurement:
FPBW = SR/2
πVPEAK.
Note 6: Differential Gain and Phase are measured using a Tektronix
TSG120 YC/NTSC signal generator and a Tektronix 1780R Video
Measurement Set. The resolution of this equipment is 0.1% and 0.1
°. Nine
identical MUXs were cascaded giving an effective resolution of 0.011%
and 0.011
°.
The q denotes specifications that apply over the specified temperature
range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: May require a heat sink.
Note 3: The LT1675/LT1675-1 are guaranteed to meet specified
performance from 0
°C to 70°C and are designed, characterized and
expected to meet these extended temperature limits, but are not tested at
–40
°C and 85°C. Guaranteed I grade parts are available; consult factory.
Truth Table
LT1675
LT1675-1
SELECT
ENABLE
RED OUT
GREEN OUT
BLUE OUT
VOUT
1
0
RED 1
GREEN 1
BLUE 1
VIN1
0
0
RED 2
GREEN 2
BLUE 2
VIN2
X
1
OFF
OFF
OFF
OFF
0
°C ≤ TA ≤ 70°C, VS = ±5V, RL = 150Ω, VIN = 0V LT1675 (Pins 1, 2, 3, 6, 7, 8),
LT1675-1 (Pins 1, 3), ENABLE = 0V, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com