Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1777CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1777CS
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1777CS Datasheet HTML 6Page - Linear Technology LT1777CS Datasheet HTML 7Page - Linear Technology LT1777CS Datasheet HTML 8Page - Linear Technology LT1777CS Datasheet HTML 9Page - Linear Technology LT1777CS Datasheet HTML 10Page - Linear Technology LT1777CS Datasheet HTML 11Page - Linear Technology LT1777CS Datasheet HTML 12Page - Linear Technology LT1777CS Datasheet HTML 13Page - Linear Technology LT1777CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LT1777
APPLICATIONS INFORMATION
Deciding upon a value for the sense inductor involves
evaluating the trade-off between overall efficiency (POUT/
PIN) and switch current slew rate. Larger sense inductors
yield lower current slew rates which offer reduced high
frequency RFI emissions, but at the expense of poorer
efficiency.
The question is “What is the allowed range of values for a
sense inductor in a given application?” There is really no
minimum limit to the sense inductor, i.e., its value is
allowed to be zero. (In other words, the physical sense
inductor ceases to exist and is replaced by a short circuit.)
This will yield the highest efficiency possible in a given
situation. Although an explicit current slew rate no longer
exists, the naturally less aggressive nature of the LT1777
will often yield quieter supply operation than other stan-
dard switching regulators.
As far as the
maximum allowable value for the sense
inductor, this is dictated by the current ramp rate in the
main inductor during the conventional part of the switch-
ing cycle. It is generally overconservative to limit the
switch current slew rate to that exhibited by the main
inductor. This would potentially yield a triangular current
waveform. Efficiency would be greatly reduced at little
further gain in noise performance. Stated mathematically,
maximum slew rate in the main inductor occurs at maxi-
mum input voltage as:
dI
dt
Max V
V
L
IN
OUT
MAIN
=
–
The sense inductor experiences 2VBE of applied voltage.
This is perhaps 1.0V at a maximum hot condition. If we use
an additional factor of two to be conservative, this yields
a maximum sense inductor value as follows:
05
05
.
–
,
.
–
V
L
Max V
V
L
or
Max L
L
V
Max V
V
SENSE
IN
OUT
MAIN
SENSE
MAIN
IN
OUT
=
=


As an example, a maximum input voltage of 36V, an output
voltage of 5V and a main inductor value of 220
µH yields a
maximum suggested sense inductor value of 3.5
µH.
Circuit behavior versus sense inductor value is shown in
the oscilloscope photos in Figure 2. The circuit and oper-
ating conditions are similar to the Typical Application on
the first page of this data sheet with the exception that the
sense inductor is allowed to assume the series of values:
0
µH, 0.47µH, 1µH and 2.2µH. Figure 2a shows a close-up
of the leading edge (turn-on) of the current waveform.
Values of 0
µH and 0.47µH are found to yield a dI/dt of
about 2.2A/
µs, while 1µH yields 1.4A/µs and 2.2µH yields
0.6A/
µs. Figure 2b shows the trailing edge (turn-off) of the
Figure 2. VSW Node Current Behavior vs LSENSE Value.
LSENSE = 0µH, 0.47µH, 1.0µH and 2.2µH
200ns/DIV
1777 F02a
(a) Leading Edge
200ns/DIV
1777 F02b
(b) Trailing Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com