Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1777CS Datasheet(PDF) 15 Page - Linear Technology

Part # LT1777CS
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1777CS Datasheet HTML 11Page - Linear Technology LT1777CS Datasheet HTML 12Page - Linear Technology LT1777CS Datasheet HTML 13Page - Linear Technology LT1777CS Datasheet HTML 14Page - Linear Technology LT1777CS Datasheet HTML 15Page - Linear Technology LT1777CS Datasheet HTML 16Page - Linear Technology LT1777CS Datasheet HTML 17Page - Linear Technology LT1777CS Datasheet HTML 18Page - Linear Technology LT1777CS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LT1777
However, remember that oscillator slowdown to achieve
short-circuit protection (discussed above) is dependent
on FB pin behavior, and this in turn, is sensitive to FB node
external impedance. The graph in Figure 7 shows the
typical relationship between FB pin voltage, driving im-
pedance and oscillator frequency. This shows that as
feedback network impedance increases beyond 10k, com-
plete oscillator slowdown is not achieved, and short-
circuit protection may be compromised. And as a practical
matter, the product of FB pin bias current and larger FB
network impedances will cause increasing output voltage
error. (Nominal cancellation for 10k of FB Thevenin im-
pedance is included internally.)
Thermal Considerations
Care should be taken to ensure that the worst-case input
voltage and load current conditions do not cause exces-
sive die temperatures. The SO16 package is rated at
50
°C/W when the four corner package pins are connected
to a good ground plane. (These corner pins are internally
fused to the die paddle for improved thermal perfor-
mance.) Die junction temperature is then a function of
ambient temperature and internal dissipation as follows:
TJ = TA + θJA • PINT
Total internally dissipated power is composed of three
parts, quiescent power, DC switch loss and AC switch
loss. The AC switch loss will often dominate the total
dissipation, and this is unfortunately difficult to estimate
accurately.
Two options are suggested to the potential user. The first
is to observe the graphical data presented in the Typical
Applications section. Internal LT1777 dissipation vs load
current is given for output voltages of 5V and 3.3V, with
input voltages of 12V, 24V and 36V, and with sense
inductors of 0
µH, 1µH, and 2.2µH (Figures 9 and 11).
While it is true that the user’s ultimate circuit may use
somewhat different passive components than the ex-
amples given, it turns out that internal IC dissipation is not
very sensitive to these changes.
In cases where the user’s potential circuit differs signifi-
cantly from the examples given, an empirical method is
suggested. Operate the proposed power supply over the
applicable input voltage and load current ranges. Measure
the input power and output power, and calculate the
difference as “lost power.” This measured lost power
minus estimated inductor and diode dissipation yields a
figure for internal LT1777 dissipation. Fortunately, as
LT1777 internal dissipation dominates total lost power,
inductor and diode power need not be estimated very
accurately. Inductor power may be estimated as I2R where
I is the load current and R is the DC resistance of the
inductor. (Loss in the sense inductor is usually so small
that only the main inductor must be considered.) Diode
power may be estimated as 1/2 • VF • I • DC, where VF is the
diode forward voltage, I is the load current and DC is the
duty cycle percentage when the diode is conducting.
Frequency Compensation
Loop frequency compensation is performed by connect-
ing a capacitor, or in most cases a series R/C, from the
output of the error amplifier (VC pin) to ground. Proper
loop compensation may be obtained by empirical meth-
ods as described in detail in Application Note AN19.
Briefly, this involves applying a load transient and observ-
ing the dynamic response over the expected range of VIN
and ILOAD values.
As a practical matter, a second small capacitor, directly
from the VC pin to ground is generally recommended to
attenuate capacitive coupling from the VSW and VD pins. A
typical value for this capacitor is 100pF. (See Switch Node
Considerations).
Switch Node Considerations
In spite of the fact that the LT1777 is a low noise converter,
it is still possible for the part to cause problems by
“coupling to itself.” Specifically, this can occur if the VSW
pin is allowed to capacitively couple in an uncontrolled
manner to the part’s high impedance nodes, i.e., SHDN,
SYNC, VC and FB. This can cause erratic operation such as
odd/even cycle behavior, pulse width “nervousness”, im-
proper output voltage and/or premature current limit
action.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com