Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1777CS Datasheet(PDF) 14 Page - Linear Technology

Part # LT1777CS
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1777CS Datasheet HTML 10Page - Linear Technology LT1777CS Datasheet HTML 11Page - Linear Technology LT1777CS Datasheet HTML 12Page - Linear Technology LT1777CS Datasheet HTML 13Page - Linear Technology LT1777CS Datasheet HTML 14Page - Linear Technology LT1777CS Datasheet HTML 15Page - Linear Technology LT1777CS Datasheet HTML 16Page - Linear Technology LT1777CS Datasheet HTML 17Page - Linear Technology LT1777CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LT1777
The solution to this dilemma is to slow down the oscillator
when the FB pin voltage is abnormally low thereby indicat-
ing some sort of short-circuit condition. Figure 7 shows
the typical response of oscillator frequency vs FB pin
voltage. Oscillator frequency is normal until FB voltage
drops to about half of its normal value. Below this point the
oscillator frequency decreases linearly down to a limit of
about 25kHz. This lower oscillator frequency during short-
circuit conditions can then maintain control with the
effective minimum on time.
A further potential problem with short-circuit operation
might occur if the user were operating the part with its
oscillator slaved to an external frequency source via the
SYNC pin. However, the LT1777 has circuitry to automati-
cally disable the sync function when the oscillator is
slowed down due to abnormally low FB voltage.
APPLICATIONS INFORMATION
tors. Their relatively low ESR in the mid-MHz region can
further attenuate high speed glitches.
Maximum Load/Short-Circuit Considerations
The LT1777 is a current mode controller. It uses the VC
node voltage as an input to a current comparator, which
turns off the output switch on a cycle-by-cycle basis as
this peak current is reached. The internal clamp on the VC
node, nominally 2.0V, then acts as an output switch peak
current limit. This action becomes the switch current limit
specification. The maximum available output power is
then determined by the switch current limit.
A potential controllability problem could occur under
short-circuit conditions. If the power supply output is
short circuited, the feedback amplifier responds to the low
output voltage by raising the control voltage, VC, to its
peak current limit value. Ideally, the output switch would
be turned on, and then turned off as its current exceeded
the value indicated by VC. However, there is finite response
time involved in both the current comparator and turn-off
of the output switch. These result in a minimum on time
tON(MIN). When combined with the large ratio of VIN to
(VF + I • R), the diode forward voltage plus inductor I • R
voltage drop, the potential exists for a loss of control.
Expressed mathematically the requirement to maintain
control is:
ft
VI R
V
ON
F
IN
()( )≤ + •
where:
f = switching frequency
tON = switch on time
VF = diode forward voltage
VIN = Input voltage
I • R = inductor I • R voltage drop
If this condition is not observed, the current will not be
limited at IPK, but will cycle-by-cycle ratchet up to some
higher value. Using the nominal LT1777 clock frequency
of 100kHz, a VIN of 48V and a (VF + I • R) of say, 0.7V, the
maximum tON to maintain control would be approximately
140ns, an unacceptably short time.
FB DIVIDER THEVENIN VOLTAGE (V)
0
0
20
40
60
80
100
120
0.25
0.50
0.75
1.00
1777 F07
1.25
RTH
LT1777
FB
RTH = 10k
RTH = 4.7k
RTH = 22k
Figure 7. Oscillator Frequency vs FB Divider
Thevenin Voltage and Impedance
Feedback Divider Considerations
An LT1777 application typically includes a resistive divider
between VOUT and ground, the center node of which drives
the FB pin to the reference voltage VREF. This establishes
a fixed ratio between the two resistors, but a second
degree of freedom is offered by the overall impedance
level of the resistor pair. The most obvious effect this has
is one of efficiency—a higher resistance feedback divider
will waste less power and offer somewhat higher effi-
ciency, especially at light load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com