Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1777CS Datasheet(PDF) 18 Page - Linear Technology

Part # LT1777CS
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777CS Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1777CS Datasheet HTML 14Page - Linear Technology LT1777CS Datasheet HTML 15Page - Linear Technology LT1777CS Datasheet HTML 16Page - Linear Technology LT1777CS Datasheet HTML 17Page - Linear Technology LT1777CS Datasheet HTML 18Page - Linear Technology LT1777CS Datasheet HTML 19Page - Linear Technology LT1777CS Datasheet HTML 20Page - Linear Technology LT1777CS Datasheet HTML 21Page - Linear Technology LT1777CS Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LT1777
TYPICAL APPLICATIONS
Figure 9. Efficiency and LT1777 Internal Dissipation for the Basic 5V Output Application
Internal Dissipation
IOUT (mA)
0
0.6
0.4
0.2
1.4
1.2
1.0
0.8
1777 F09b
10
1000
100
1
µH
0
µH
LSENSE =
2.2
µH
VIN = 12V
VOUT = 5V
TA = 25°C
IOUT (mA)
0
0.6
0.4
0.2
1.4
1.2
1.0
0.8
1777 F09d
10
1000
100
1
µH
0
µH
LSENSE =
2.2
µH
VIN = 24V
VOUT = 5V
TA = 25°C
IOUT (mA)
0
0.6
0.4
0.2
1.4
1.2
1.0
0.8
1777 F09f
10
1000
100
1
µH
0
µH
LSENSE =
2.2
µH
VIN = 36V
VOUT = 5V
TA = 25°C
VIN = 12V
VIN = 24V
VIN = 36V
Efficiency
ILOAD (mA)
1
90
20
30
40
10
100
1000
1777 F09a
80
70
60
50
VIN = 12V
VOUT = 5V
TA = 25°C
LSENSE =
0
µH
1
µH
2.2
µH
ILOAD (mA)
1
90
20
30
40
10
100
1000
1777 F09c
80
70
60
50
VIN = 24V
VOUT = 5V
TA = 25°C
LSENSE =
0
µH
1
µH
2.2
µH
ILOAD (mA)
1
90
20
30
40
10
100
1000
1777 F09e
80
70
60
50
VIN = 36V
VOUT = 5V
TA = 25°C
LSENSE =
0
µH
1
µH
2.2
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com